Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5110AEEV150Y Fiches technique(PDF) 1 Page - Analog Microelectronics

No de pièce AME5110AEEV150Y
Description  600mA / 1.2MHz PWM Buck DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5110AEEV150Y Fiches technique(HTML) 1 Page - Analog Microelectronics

  AME5110AEEV150Y Datasheet HTML 1Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 2Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 3Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 4Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 5Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 6Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 7Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 8Page - Analog Microelectronics AME5110AEEV150Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AME, Inc.
1
AME5110
600mA / 1.2MHz PWM
Buck DC-DC Converter
Rev. A.03
l High Efficiency “ Extreme Green”
l 2.5V to 5.5V Input
l Short Circuit Protection
l Over-Temperature Shutdown
l Under-Volatge Lockout
l Superb Transient Response
l All AME’ s Lead Free Products Meet RoHS
Standards
The AME5110 family of Fixed Frequency,High Efficiency,
Synchronous Buck, DC-DC Converters, apply the latest
innovations in Current-Mode Technology. Available in SOT-
25 package, these devices are typically twice as efficient
as standard LDO
’s, making them well suited for most
portable applications.
The AME5110 is simple to use. As with standard
LDO
’s,(1) Input, and (1) Output capacitor are required.
The only other element is a small, low cost, 2.2
µH induc-
tor. The AME5110 is availabe with fixed output voltages
of 1.5V and 1.8V, or adjustable at 600mA. Using a propri-
etary
“Extreme Green” Technology, battery life is maxi-
mized with Frequency Foldback at light Load, and 100%
duty when Vin approaches Vout.
l Cellular Phones
l Digital Cameras
l Portable Electronics
l USB Devices
l MP3 Players
l LDO Replacement
n General Description
n Features
n Applications
n Typical Application
Fixed Voltage Version
Adjustable Voltage Version
V
OUT=VFB (R1+R2)/R2
2.2
µH
C
IN
4.7
µF
CER
AME5110
V
IN
SW
V
OUT
EN
GND
C
OUT
10
µF
CER
V
IN
V
OUT
2.2
µH
C
IN
4.7
µF
CER
AME5110
V
IN
SW
V
FB
EN
GND
V
IN
V
OUT
R1
R2
22pF
C
OUT
10
µF
CER


Numéro de pièce similaire - AME5110AEEV150Y

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Description similaire - AME5110AEEV150Y

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com