Moteur de recherche de fiches techniques de composants électroniques |
|
6N138 Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
6N138 Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 6 page 6N138, 6N139 www.vishay.com Vishay Semiconductors Rev. 1.6, 23-Jan-15 1 Document Number: 83605 For technical questions, contact: optocoupleranswers@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output DESCRIPTION High common mode transient immunity and very high current ratio together with 5300 VRMS insulation are achieved by coupling and LED with an integrated high gain photo detector in an eight pin dual-in-line package. Separate pins for the photo diode and output stage enable TTL compatible saturation voltages with high speed operation. Access to the base terminal allows adjustment to the gain bandwidth. The 6N138 is ideal for TTL applications since the 300 % minimum current transfer ratio with an LED current of 1.6 mA enables operation with one unit load-in and one unit load-out with a 2.2 k Ω pull-up resistor. The 6N139 is best suited for low power logic applications involving CMOS and low power TTL. A 400 % current transfer ratio with only 0.5 mA of LED current is guaranteed from 0 °C to 70 °C. Caution: Due to the small geometries of this device, it should be handled with Electrostatic Discharge (ESD) precautions. Proper grounding would prevent damage further and/or degradation which may be induced by ESD. FEATURES • High current transfer ratio, 300 % • Low input current, 0.5 mA • High output current, 60 mA • Isolation test voltage, 5300 VRMS • TTL compatible output, VOL = 0.1 V • High common mode rejection, 500 V/μs • Adjustable bandwidth-access to base • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Microprocessor system interface • PLC, ATE input / output isolation • EIA RS232 line receiver • TTL, CMOS voltage level translation • Multiplexed data transmission • Digital control power supply • Ground loop and electrical noise elimination AGENCY APPROVALS • UL1577, file no. E52744, double protection • DIN EN 60747-5-5 available with option 1 Note • For additional information on the available options refer to option information. 1 2 3 4 8 7 6 5 V CC V B V O GND NC A C NC ORDERING INFORMATION 6 N 13# - X 0## T PART NUMBER PACKAGE OPTION TAPE AND REEL AGENCY CERTIFIED/PACKAGE CTR (%) 1.6 mA UL > 300 > 500 DIP-8 6N138 6N139, 6N139-X001 SMD-8, option 7 6N138-X007T 6N139-X007, 6N139-X007T SMD-8, option 9 6N138-X009T 6N139-X009, 6N139-X009T VDE > 300 > 500 SMD-8, option 7 - 6N139-X017T SMD-8, option 9 - 6N139-X019T > 0.1 mm > 0.7 mm 7.62 mm DIP Option 7 Option 9 |
Numéro de pièce similaire - 6N138 |
|
Description similaire - 6N138 |