Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1638-XXS89 Fiches technique(PDF) 5 Page - Stanson Technology

No de pièce ST1638-XXS89
Description  Step-Up DC/DC Converter High Efficiency PFM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1638-XXS89 Fiches technique(HTML) 5 Page - Stanson Technology

  ST1638-XXS89 Datasheet HTML 1Page - Stanson Technology ST1638-XXS89 Datasheet HTML 2Page - Stanson Technology ST1638-XXS89 Datasheet HTML 3Page - Stanson Technology ST1638-XXS89 Datasheet HTML 4Page - Stanson Technology ST1638-XXS89 Datasheet HTML 5Page - Stanson Technology ST1638-XXS89 Datasheet HTML 6Page - Stanson Technology ST1638-XXS89 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Step-Up DC/DC Converter
ST1638
High Efficiency PFM
ELECTRICAL CHARACTERISTICS (Ta=25℃, Vcc=15V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
△VOUT
Output Voltage Accuracy
-2.5
2.5
%
IIN
Input Voltage
6
V
VSTART
Start Up Voltage
IOUT = 1 mA, VIN: 0→2V
0.8
0.9
V
VHOLD
Hold On Voltage
IOUT = 1 mA, VIN: 2→0V
0.7
V
IIN
Input Current at No Load
IOUT = 0 mA
15
μA
IS1
Supply Current
VS = VOUT X 0.95
20
70
μA
IS2
Supply Current
VS = VOUT + 0.5V
9
μA
RON
SW Switch-On Resistance
VS = VOUT X 0.95,
VSW = 0.4V
1
1.3
Ω
ILEAKAGE
SW Leakage Current
VSW = 6V
0.5
μA
Fosc
Max Oscillator Freq.
VS = VOUT X 0.95
80
120
160
KHz
DOSC
Oscillator Duty Cycle
VS = VOUT X 0.95
65
75
85
%
Efficiency
85
%
Page 5
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Numéro de pièce similaire - ST1638-XXS89

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST16 STMICROELECTRONICS-ST16 Datasheet
146Kb / 21P
   CHIP SET INTERFACE SPECIFICATION
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
   Development Environment For ST16 and ST19 Smartcard MCU Families
More results

Description similaire - ST1638-XXS89

FabricantNo de pièceFiches techniqueDescription
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
ELM Technology Corporat...
ELM9327AB-S ELM-TECH-ELM9327AB-S Datasheet
99Kb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com