Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1638-XXS89 Fiches technique(PDF) 4 Page - Stanson Technology

No de pièce ST1638-XXS89
Description  Step-Up DC/DC Converter High Efficiency PFM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1638-XXS89 Fiches technique(HTML) 4 Page - Stanson Technology

  ST1638-XXS89 Datasheet HTML 1Page - Stanson Technology ST1638-XXS89 Datasheet HTML 2Page - Stanson Technology ST1638-XXS89 Datasheet HTML 3Page - Stanson Technology ST1638-XXS89 Datasheet HTML 4Page - Stanson Technology ST1638-XXS89 Datasheet HTML 5Page - Stanson Technology ST1638-XXS89 Datasheet HTML 6Page - Stanson Technology ST1638-XXS89 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Step-Up DC/DC Converter
ST1638
High Efficiency PFM
ABSOULTE MAXIMUN RATINGS ( Ta=25℃, unless otherwise specified.)
The following ratings designate persistent limits beyond which damage to the device may occur.
Symbol
Parameter
Value
Unit
VOUT
DC Supply Vlotage
6
V
VSW
SW Pin Voltage
6
V
ISW
Switching Current
0.6
A
Pd
Power Dissipation @ Ta=25℃* SOT-89
SOT-23
0.5
0.25
W
Pj
Operating Junction Temperature Range
-40 to 85
Tstg
Storage Temperature Range
-65 to 150
SOT-89
260
Tlead
Lead Soldering Temperaature for 10 sec
SOT-23
220
SOT-89
100
Rθjc
Thermal Resistance Junction-Case(*)
SOT-23
95
℃/W
(*)The power dissipation and thermal resistance are evaluated under copper board mounted with free air
conditions.
Page 4
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Numéro de pièce similaire - ST1638-XXS89

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST16 STMICROELECTRONICS-ST16 Datasheet
146Kb / 21P
   CHIP SET INTERFACE SPECIFICATION
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
   Development Environment For ST16 and ST19 Smartcard MCU Families
More results

Description similaire - ST1638-XXS89

FabricantNo de pièceFiches techniqueDescription
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
ELM Technology Corporat...
ELM9327AB-S ELM-TECH-ELM9327AB-S Datasheet
99Kb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com