Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GY50NC60WD Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce GY50NC60WD
Description  N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GY50NC60WD Fiches technique(HTML) 1 Page - STMicroelectronics

  GY50NC60WD Datasheet HTML 1Page - STMicroelectronics GY50NC60WD Datasheet HTML 2Page - STMicroelectronics GY50NC60WD Datasheet HTML 3Page - STMicroelectronics GY50NC60WD Datasheet HTML 4Page - STMicroelectronics GY50NC60WD Datasheet HTML 5Page - STMicroelectronics GY50NC60WD Datasheet HTML 6Page - STMicroelectronics GY50NC60WD Datasheet HTML 7Page - STMicroelectronics GY50NC60WD Datasheet HTML 8Page - STMicroelectronics GY50NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2006
Rev 1
1/11
11
STGY50NC60WD
N-channel 600V - 50A - Max247
Very fast PowerMESH™ IGBT
www.st.com
General features
High frequency operation
Low CRES / CIES ratio (no cross-conduction
susceptbility)
Very soft ultra fast recovery antiparallel diode
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “W” identifies a family
optimized for very high frequency application.
Applications
High frequency inverters
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers, UPS
Internal schematic diagram
Type
VCES
VCE(sat)
(max)@25°C
IC
@100°C
STGY50NC60WD
600V
< 2.5V
50A
1
2
3
Max247
Order codes
Part number
Marking
Package
Packaging
STGY50NC60WD
GY50NC60WD
Max247
Tube


Description similaire - GY50NC60WD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
   N-channel 600V - 50A - Max247 Very fast PowerMESH??IGBT
STGY40NC60V STMICROELECTRONICS-STGY40NC60V Datasheet
303Kb / 11P
   N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
STGY50NB60HD STMICROELECTRONICS-STGY50NB60HD Datasheet
45Kb / 6P
   N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
   N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
   N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
STGE50NC60VD STMICROELECTRONICS-STGE50NC60VD Datasheet
292Kb / 14P
   N-channel 50A - 600V - ISOTOP Very fast PowerMESTM IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com