Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV320MH112RRPF Fiches technique(PDF) 5 Page - SPANSION |
|
AM29LV320MH112RRPF Fiches technique(HTML) 5 Page - SPANSION |
5 / 59 page December 14, 2005 Am29LV320MH/L 3 DA TA SH EET MIRRORBIT 32 MBIT DEVICE FAMILY RELATED DOCUMENTS To download related documents, click on the following links or go to www.amd.com →Flash Memory→Prod- uct Information →MirrorBit→Flash Information→Tech- nical Documentation. MirrorBit™ Flash Memory Write Buffer Programming and Page Buffer Read Implementing a Common Layout for AMD MirrorBit and Intel StrataFlash Memory Devices Migrating from Single-byte to Three-byte Device IDs AMD MirrorBit™ White Paper Device Bus Sector Architecture Packages V IO RY/BY# WP#, ACC WP# Protection LV033MU x8 Uniform (64 Kbyte) 40-pin TSOP (std. & rev. pinout), 48-ball FBGA Yes Yes ACC only No WP# LV320MT/B x8/x16 Boot (8 x 8 Kbyte at top & bottom) 48-pin TSOP, 48-ball Fine-pitch BGA, 64-ball Fortified BGA No Yes WP#/ACC pin 2 x 8 Kbyte top or bottom LV320MH/L x8/x16 Uniform (64 Kbyte) 56-pin TSOP (std. & rev. pinout), 64 Fortified BGA Yes Yes WP#/ACC pin 1 x 64 Kbyte high or low |
Numéro de pièce similaire - AM29LV320MH112RRPF |
|
Description similaire - AM29LV320MH112RRPF |