Moteur de recherche de fiches techniques de composants électroniques |
|
AM49DL324BGB85 Fiches technique(PDF) 8 Page - SPANSION |
|
AM49DL324BGB85 Fiches technique(HTML) 8 Page - SPANSION |
8 / 64 page July 19, 2002 Am49DL32xBG 7 P R E L I M I NARY CONNECTION DIAGRAM Special Package Handling Instructions Special handling is required for Flash Memory products in molded packages (TSOP, SO, PDIP, PLCC). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A1 B1 C1 F1 G1 L1 M1 D2 E2 F2 G2 H2 J2 C3 D3 E3 F3 G3 H3 J3 K3 C4 D4 E4 F4 G4 H4 J4 K4 B5 C5 D5 E5 H5 J5 K5 L5 B6 C6 D6 E6 H6 J6 K6 L6 C7 D7 E7 F7 G7 H7 J7 K7 C8 D8 E8 F8 G8 H8 J8 K8 D9 E9 F9 G9 H9 J9 A10 B10 F10 G10 L10 M10 NC NC NC NC NC NC NC NC NC A3 A2 A1 A0 CE#f CE1#s A7 A6 A5 A4 VSS OE# DQ0 DQ8 LB# UB# A18 A17 DQ1 DQ9 DQ10 DQ2 NC WP#/ACC RESET# RY/BY# DQ3 VCCf DQ11 NC WE# CE2s A20 DQ4 VCCs NC A8 A19 A9 A10 DQ6 DQ13 DQ12 DQ5 A11 A12 A13 A14 NC DQ15/A-1 DQ7 DQ14 A15 NC NC A16 CIOf VSS NC NC NC NC NC NC Pseudo SRAM only Shared Flash only 73-Ball FBGA Top View |
Numéro de pièce similaire - AM49DL324BGB85 |
|
Description similaire - AM49DL324BGB85 |