Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV641GL55REI Fiches technique(PDF) 11 Page - SPANSION |
|
AM29LV641GL55REI Fiches technique(HTML) 11 Page - SPANSION |
11 / 55 page June 14, 2005 Am29LV641G 12 ADV ANCE I N FO RMAT I O N ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29LV641G H 55R WH I TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) WH = 63-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 11 x 12 mm package (FBE063) PC = 64-Ball Fine-Pitch Ball Grid Array (Fortified BGA) 1.0 mm pitch, 13 x 11 mm package (LAA064) SPEED OPTION See Product Selector Guide and Valid Combinations SECTOR ARCHITECTURE AND SECTOR WRITE PROTECTION (WP# = 0) H = Uniform sector device, highest address sector protected L = Uniform sector device, lowest address sector protected DEVICE NUMBER/DESCRIPTION Am29LV641G 64 Megabit (4 M x 16-Bit) CMOS Uniform Sector Flash Memory with VersatileIO ™ Control 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP and SSOP Packages Speed/V IO Range Am29LV641GH73, Am29LV641GL73 EI, FI 70 ns VIO = 2.7 V – 3.6 V Am29LV641GH53R, Am29LV641GL53R 55 ns VIO = 3.0 V – 3.6 V Valid Combinations for FBGA Packages Speed/ V IO Range Order Number Package Marking Am29LV640GU53R WHI L640GU53R I 55ns VIO = 3.0V – 3.6 V Am29LV640GU73 L640GU73V 70 ns VIO = 2.7 V – 3.6 V Am29LV640GU53R PCI L640GU53N 55 ns VIO = 3.0 V – 3.6 V Am29LV640GU73 L640GU73P 70 ns VIO = 2.7 V – 3.6 V Marking Converstion For the Am29LV641GH/L/AmLV640GU Enhanced-V IO device, the last digit of the speed indicator specifies V IO range. Speed grades ending in 3 (e.g. 93, 103, etc.) indicate a 3 Volt V IO range; speed grades ending in 8 (e.g. 98, 108, etc.) indicate a 1.8 V V IO range. |
Numéro de pièce similaire - AM29LV641GL55REI |
|
Description similaire - AM29LV641GL55REI |