Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV640ML120R Fiches technique(PDF) 11 Page - SPANSION |
|
AM29LV640ML120R Fiches technique(HTML) 11 Page - SPANSION |
11 / 62 page December 14, 2005 Am29LV640MH/L 9 DA TA SH EET ORDERING INFORMATION Standard Products Standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Notes: 1. For the Am29LV640MH-L device, the last numeric digit in the speed option (e.g. 101, 112, 120) is used for internal purposes only. 2. To select product with ESN factory-locked into the SecSi Sector: 1) select order number from the valid combinations given above, 2) add designator “N” at the end of the order number, and 3) modify the speed option indicator as follows [101R = 10R, 112R = 11R, 120R = 12R, 90R, 101, 112, 120 = no change] Example: Am29LV640MH12RPCIN. For Fortified BGA packages, the designator “N” will also appear at the end of the package marking. Example: L640MH12NIN. Am29LV640M H 120R PC I TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) PACKAGE TYPE E = 56-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 056) F = 56-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR056) PC = 64-Ball Fortified Ball Grid Array, 1.0 mm pitch, 13 x 11 mm package (LAA064) SPEED OPTION See Product Selector Guide and Valid Combinations SECTOR ARCHITECTURE AND WP# PROTECTION (WP# = V IL) H = Uniform sector device, highest address sector protected L = Uniform sector device, lowest address sector protected DEVICE NUMBER/DESCRIPTION Am29LV640MH/L 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit ™ Uniform Sector Flash Memory with VersatileIO ™ Control, 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Package (Note 2) Speed (ns) V IO Range (V) V CC Range (V) Am29LV640MH90R Am29LV640ML90R EI, FI 90 3.0–3.6 3.0–3.6 Am29LV640MH112 Am29LV640ML112 110 1.65–3.6 2.7–3.6 Am29LV640MH120 Am29LV640ML120 120 1.65–3.6 Am29LV640MH101R Am29LV640ML101R 100 2.7–3.6 3.0–3.6 Am29LV640MH112R Am29LV640ML112R 110 1.65–3.6 Am29LV640MH120R Am29LV640ML120R 120 1.65–3.6 Valid Combinations for Fortified BGA Package (Note 2) Speed (ns) V IO Range (V) VCC Range (V) Order Number Package Marking Am29LV640MH90R Am29LV640ML90R PCI L640MH90NI L640ML90NI 90 3.0– 3.6 3.0– 3.6 Am29LV640MH101 Am29LV640ML101 L640MH01PI L640ML01PI 100 2.7– 3.6 2.7– 3.6 Am29LV640MH112 Am29LV640ML112 L640MH11PI L640ML11PI 110 1.65– 3.6 Am29LV640MH120 Am29LV640ML120 L640MH12PI L640ML12PI 120 1.65– 3.6 Am29LV640MH101R Am29LV640ML101R L640MH01NI L640ML01NI 100 2.7– 3. 3.0– 3.6 Am29LV640MH112R Am29LV640ML112R L640MH11NI L640ML11NI 110 1.65– 3.6 Am29LV640MH120R Am29LV640ML120R L640MH12NI L640ML12NI 120 1.65– 3.6 |
Numéro de pièce similaire - AM29LV640ML120R |
|
Description similaire - AM29LV640ML120R |