Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G332GF Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AUP1G332GF
Description  Low-power 3-input OR gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G332GF Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G332GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 14Page - NXP Semiconductors 74AUP1G332GF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74AUP1G332_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 27 February 2006
11 of 18
Philips Semiconductors
74AUP1G332
Low-power 3-input OR gate
13. Waveforms
CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, B and C to Y
see Figure 7
VCC = 1.1 V to 1.3 V
2.7
13.6
2.7
13.6
ns
VCC = 1.4 V to 1.6 V
2.4
8.5
2.4
8.8
ns
VCC = 1.65 V to 1.95 V
2.1
6.8
2.1
7.1
ns
VCC = 2.3 V to 2.7 V
1.6
5.2
1.6
5.4
ns
VCC = 3.0 V to 3.6 V
1.7
4.5
1.7
4.8
ns
CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, B and C to Y
see Figure 7
VCC = 1.1 V to 1.3 V
3.5
18.4
3.5
18.7
ns
VCC = 1.4 V to 1.6 V
3.3
11.4
3.3
11.9
ns
VCC = 1.65 V to 1.95 V
2.9
9.1
2.9
9.6
ns
VCC = 2.3 V to 2.7 V
1.6
6.7
1.6
7.1
ns
VCC = 3.0 V to 3.6 V
1.4
6.4
1.4
6.7
ns
Table 10:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
Input A, B and C to output Y propagation delay times.
Table 11:
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× VCC
0.5
× VCC
VCC
≤ 3.0 ns
001aad936
A, B, C input
Y output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL


Numéro de pièce similaire - 74AUP1G332GF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G332GF NXP-74AUP1G332GF Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
More results

Description similaire - 74AUP1G332GF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com