Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55/C7V5 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce BZX55/C7V5
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

BZX55/C7V5 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  BZX55/C7V5 Datasheet HTML 1Page - List of Unclassifed Manufacturers BZX55/C7V5 Datasheet HTML 2Page - List of Unclassifed Manufacturers BZX55/C7V5 Datasheet HTML 3Page - List of Unclassifed Manufacturers BZX55/C7V5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CE
BZX55-C0V8 THRU BZX55-C200
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
BXZ55... SILICON PLANAR ZENER DIODES
Temp coefficient
of zener voltage
VZNOM
TKVZ
V
mA
V
mA
A
A
V
%/K
BZX 55/C 0V8 3)
0.8
0.73…0.83
<8
<50
-
-
-
-0.26...-0.23
BZX 55/C 2V0
2.0
1.9…2.1
<100
<200
BZX 55/C 2V4
2.4
2.28…2.56
<50
<100
BZX 55/C 2V7
2.7
2.5…2.9
<10
<50
BZX 55/C 3V0
3
2.8…3.2
<4
BZX 55/C 3V3
3.3
3.1…3.5
BZX 55/C 3V6
3.6
3.4…3.8
BZX 55/C 3V9
3.9
3.7…4.1
BZX 55/C 4V3
4.3
4.0…4.6
<75
<1
<20
-0.06…-0.03
BZX 55/C 4V7
4.7
4.4…5.0
<60
<0.5
<10
-0.05…+0.02
BZX 55/C 5V1
5.1
4.8…5.4
<35
<550
-0.02…+0.02
BZX 55/C 5V6
5.6
5.2…6.0
<25
<450
-0.05…+0.05
BZX 55/C 6V2
6.2
5.8…6.6
<10
<200
2.0
0.03…0.06
BZX 55/C 6V8
6.8
6.4…7.2
<8
<150
3.0
0.03…0.07
BZX 55/C 7V5
7.5
7.0…7.9
<7
5.0
0.03…0.07
BZX 55/C 8V2
8.2
7.7…8.7
<7
6.2
0.03…0.08
BZX 55/C 9V1
9.1
8.5…9.6
<10
6.8
0.03…0.09
BZX 55/C 10
10
9.4…10.6
<15
<70
7.5
0.03…0.1
BZX 55/C 11
11
10.4…11.6
<20
<70
8.2
BZX 55/C 12
12
11.4…12.7
<20
<90
9.1
BZX 55/C 13
13
12.4…14.1
<26
<110
10.0
BZX 55/C 15
15
13.8…15.6
<30
<110
11.0
BZX 55/C 16
16
15.3…17.1
<40
<170
12
BZX 55/C 18
18
16.8…19.1
<50
<170
13
BZX 55/C 20
20
18.8…21.2
<55
<220
15
5
1
<0.1
<2
<1
-0.09…-0.06
-0.08…-0.05
0.03…0.11
<2
<40
Type
Zener Voltage Range1)
IZT for VZT 2)
Dynamic resistance
Reverse leakage current
IR and IR 2) at VR
<85
<600
<50
rzjt and rzjk at Izk
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 4


Numéro de pièce similaire - BZX55/C7V5

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
BZX55/C7V5 SEMTECH-BZX55/C7V5 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
Jinan Jingheng (Group) ...
BZX55/C7V5 JINANJINGHENG-BZX55/C7V5 Datasheet
163Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX55/C7V5

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com