Moteur de recherche de fiches techniques de composants électroniques |
|
LCGGL9T10JCU Fiches technique(PDF) 3 Page - ITT Industries |
|
LCGGL9T10JCU Fiches technique(HTML) 3 Page - ITT Industries |
3 / 4 page K–19 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K C&K LC Series Subminiature Precision Snap-acting Switches ACTUATOR A B C FIG. 7 Lever Roller FIG. 2 A B C Lever Roller B A FIG. 3 Lever B A FIG. 4 Lever B A FIG. 5 Simulated Roller B A FIG. 6 Simulated Roller B A FIG. 1 Pin Plunger — .340 ± .185 (8,64 ± 4,70) .67 (17,0) 4 T25 — .455 ± .125 (11,56 ± 3,18) .32 (8,1) 6 T23 — .340 ± .140 (8,64 ± 3,56) .39 (9,9) 4 T20 — .455 ± .065 (11,56 ± 1,65) .22 (5,6) 5 T13 — .340 ± .070 (8,64 ± 1,78) .29 (7,4) 3 T10 .19 dia. (4,8Ø) .560 ± .175 (14,22 ± 4,45) .61 (15,5) 2 A25 .19 dia. (4,8Ø) .560 ± .070 (14,22 ± 1,78) .28 (7,1) 7 A10 — .330 ± .015 (8,38 ± 0,38) .30 (7,6) 1 P00 DIM. C DIM. B DIM. A FIG. OPTION CODE HIGH FORCE LOW FORCE BASIC FORCE .072 (1,83) .372 (9,45) .090 (2,29) .07 .03 .14 2 1 4 0.7 .05 0.8 19 14 24 T25 .049 (1,24) .252 (6,40) .062 (1,57) .10 .03 .21 3 1 6 1.0 .52 1.2 28 15 34 T23 .053 (1,35) .276 (7,01) .067 (1,70) .10 .03 .21 31 6 0.9 .52 1.1 26 15 30 T20 .026 (0,66) .130 (3,30) .032 (0,81) .21 .03 .42 61 12 1.8 1.2 2.2 52 34 62 T13 .029 (0,74) .140 (3,56) .035 (0,90) .21 .10 .39 63 11 1.7 1 2.1 48 28 60 T10 .010 (0,25) .030 (0,76) .004 (0,10) 1 .05 2.0 28 14 57 5 3.3 6 142 95 170 P00 .068 (1,73) .351 (8,92) .086 (2,18) .07 .04 .16 2 1 4.5 .70 .42 .85 20 12 24 A25 .053 (1,53) .272 (6,91) .067 (1,70) .11 .05 .21 3 15 6 0.9 .52 1.1 26 15 31 A20 .037 (0,94) .180 (4,57) .044 (1,12) .16 .07 .32 4.5 2 9 1.3 .68 1.6 37 19 44 A15 .029 (0,74) .140 (3,56) .034 (0,86) .21 .11 .42 63 12 1.69 1 2.0 48 28 57 A10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RELEASE FORCE (OZ./GRAMS) GG GD GH MAXIMUM OPERATING FORCE (OZ./GRAMS) GG GD GH OPTION CODE NOTE: For basic switch operating forces, see page K-18. SWITCH CHARACTERISTICS |
Numéro de pièce similaire - LCGGL9T10JCU |
|
Description similaire - LCGGL9T10JCU |