Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCGDL9A10HY Fiches technique(PDF) 1 Page - ITT Industries

No de pièce LCGDL9A10HY
Description  Subminiature Precision Snap-acting Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

LCGDL9A10HY Fiches technique(HTML) 1 Page - ITT Industries

  LCGDL9A10HY Datasheet HTML 1Page - ITT Industries LCGDL9A10HY Datasheet HTML 2Page - ITT Industries LCGDL9A10HY Datasheet HTML 3Page - ITT Industries LCGDL9A10HY Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
K–17
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K LC Series
Subminiature Precision Snap-acting Switches
Features/Benefits
Compact design
Long life and high electrical capacity
Quick connect, wire lead or PC mounting
Wide variety of actuator styles
Typical Applications
Motorized equipment
Sump pump
Thermostatic controls
Specifications
CONTACT RATING: From low level* to 10.1 AMPS @ 250 V AC.
ELECTRICAL LIFE: 100,000 cycles at 5 AMPS @ 250 V AC.
INSULATION RESISTANCE: 1,000 M ohm min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –17ºF to 185ºF (–25ºC to 85ºC).
OPERATING FORCE: From 142 to 170 grams at actuator button.
Forces are less at free end of lever actuators; (see OPERATING
FORCE and ACTUATOR option sections).
MOUNTING: 2-56 screws, torque 2.3 in/lbs max.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Materials
SWITCH HOUSING: Thermoplastic polyester or high temperature
thermoplastic (PTS) (UL 94V-0).
ACTUATOR BUTTON: Thermoplastic polyester (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Copper alloy.
MOVABLE CONTACTS: Fine silver for ratings greater than 1 AMP
@ 125 V AC. Fine silver with 24K gold plate for 1 AMP @
125 V AC or less.
STATIONARY CONTACTS: Fine silver welded on copper alloy for
ratings greater than 1 AMP @ 125 V AC. Gold alloy welded
on copper alloy for ratings less than 1 AMP @ 125 V AC.
TERMINALS: Copper alloy.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-18 through K-20. For additional options not shown in catalog, consult Customer Service Center.
Series
LC SP, Mom.
Operating Force
GG 5 oz./142 grams
GD 3.3 oz./94 grams
GH 6 oz./170 grams
Electrical Rating
F5 1 A, 125, V AC, 30 V DC
L9 5 A, 1/3 HP, 125, 250 V AC
M1 10.1 A, 1/3 HP, 125, 25O V AC
V6 5 A, 1/3 HP, 125, 250 V AC
X1 1 A, 125 V AC, 3O V DC
Actuator
P00 Pin plunger
A10 .28" lever roller, high force
A25 .61" lever roller, low force
T10 .29" lever, high force
T13 .22" simulated roller, high force
T20 .38" lever, low force
T23 .32" simulated roller, low force
T25 .67" lever, low force
Terminations
E Solder
H .110" quick connect
J
Wire lead
L
Left formed PC thru-hole
R Right formed PC thru-hole
S PC Thru-hole
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Seal
NONE (STD.) No seal
E Epoxy seal
Electrical Life
NONE 6,000 operations
U Extended 100,000 operations
Models Available
L
C


Numéro de pièce similaire - LCGDL9A10HY

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
LCG-12A01 DELTA-LCG-12A01 Datasheet
156Kb / 2P
   LCD Graphic Module 12 x 1
logo
OSRAM GmbH
LCG-H9RM OSRAM-LCG-H9RM Datasheet
268Kb / 23P
   SMD epoxy package
LCG-H9RN OSRAM-LCG-H9RN Datasheet
313Kb / 25P
   SMD epoxy package
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
More results

Description similaire - LCGDL9A10HY

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com