Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1935T Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LB1935T
Description  Monolithic Digital IC Stepping Motor Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1935T Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LB1935T Datasheet HTML 1Page - Sanyo Semicon Device LB1935T Datasheet HTML 2Page - Sanyo Semicon Device LB1935T Datasheet HTML 3Page - Sanyo Semicon Device LB1935T Datasheet HTML 4Page - Sanyo Semicon Device LB1935T Datasheet HTML 5Page - Sanyo Semicon Device LB1935T Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB1935T, LB1935CL
No.7932-2/6
Electric Characteristics at Ta = 25
°C, VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA = 0V, VIN = 3V or 0V
0.1
1
µA
Power Source Current
ICC1
ENA = 3V, VIN = 3V or 0V
13
19
mA
VOUT1
ENA = 3V, VIN = 3V or 0V, IOUT = 100mA
0.2
0.3
V
Output Saturation Voltage
VOUT2*
ENA = 3V, VIN = 3V or 0V, IOUT = 200mA
[LB1935T only]
0.4
0.6
V
IIN
VIN = 3V
40
60
µA
Input Current
IENA
VENA = 3V
40
60
µA
Spark killer diode
Reverse Current
IS(leak)
1
µA
Forward Voltage
VSF*
IOUT = 200mA
[LB1935T only]
1.7
V
Note : *For LB1935CL, it is a design assured value.
Package Dimensions
unit : mm
3297 [LB1935T]
Package Dimensions
unit : mm
3301 [LB1935CL]


Numéro de pièce similaire - LB1935T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1935T SANYO-LB1935T Datasheet
124Kb / 6P
   Stepping Motor Driver IC
LB1935T SANYO-LB1935T_07 Datasheet
124Kb / 6P
   Stepping Motor Driver IC
More results

Description similaire - LB1935T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TC78S600FNG TOSHIBA-TC78S600FNG Datasheet
1Mb / 40P
   Stepping Motor Driver IC
2014-10-01
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
   STEPPING MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com