Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1212 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM1212
Description  230 MHz Video Amplifier System with OSD Blanking
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1212 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1212 Datasheet HTML 5Page - National Semiconductor (TI) LM1212 Datasheet HTML 6Page - National Semiconductor (TI) LM1212 Datasheet HTML 7Page - National Semiconductor (TI) LM1212 Datasheet HTML 8Page - National Semiconductor (TI) LM1212 Datasheet HTML 9Page - National Semiconductor (TI) LM1212 Datasheet HTML 10Page - National Semiconductor (TI) LM1212 Datasheet HTML 11Page - National Semiconductor (TI) LM1212 Datasheet HTML 12Page - National Semiconductor (TI) LM1212 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Circuit Description (Continued)
DRIVE CONTROL SECTION
A simplified schematic of the LM1212’s drive control section
is shown in
Figure 6
A 0V to 4V DC voltage is applied at
the drive control input (pin 9) Transistors Q49 Q50 and
Q54 buffer and level shift the contrast voltage to the base of
Q56 The voltage at the emitter of Q56 equals the drive
voltage Vdrive and the current through Q56’s collector is
given by IC56 e Vdrive R43
Transistor Q56’s collector current is used to unbalance the
current through the differential pair comprised of Q58 and
Q60 Q60’s base is internally biased at 71V and connected
to the base of Q12 (see
Figure 3 ) Q58’s base is internally
connected to the base of Q11 (see
Figure 3 ) With Vcont e
2V the differential pair (Q58 Q60) is balanced and the volt-
age at the bases of Q11 and Q12 is 71V Under this condi-
tion Q10’s collector current is equally split between Q11
and Q12 (see
Figure 3 ) If the drive voltage at pin 9 is great-
er than 2V then Q56’s collector current increases thus pull-
ing Q58’s collector node lower and consequently moving
Q58’s base below 71V With base of Q11 below 71V cur-
rent through Q12 (see
Figure 3 ) increases and the amplifi-
er’s gain increases With Vdrive e 4V the amplifier’s gain is
maximum under maximum contrast condition (ie Vcont e
4V)
If the drive voltage at pin 8 is less than 2V then Q56’s col-
lector current decreases and Q58’s base is pulled above
71V With base of Q11 greater than 71V less current flows
through Q12 (see
Figure 3 ) consequently the amplifier’s
gain decreases With Vdrive e 0V the amplifier’s gain is
6 dB less than the maximum gain
CLAMP GATE AND CLAMP COMPARATOR SECTION
Figures 7 and 8 show simplified schematics of the clamp
gate and clamp comparator circuits The clamp gate circuit
(Figure 7) consists of a PNP input buffer transistor (Q82) a
PNP emitter coupled pair (Q85 and Q86) referenced on one
side to 21V and an output switch transistor Q89 When the
clamp gate input at pin 14 is high (l 15V) the Q89 switch is
on and shunts the 200 mA current from current source Q90
to ground When pin 14 is low (k 13V) the Q89 switch is off
and the 200 mA current is mirrored by the current mirror
comprised of Q91 and Q75 (see
Figure 8 ) Consequently
the clamp comparator comprised of the differential pair Q74
and Q77 is enabled The input of the clamp comparator is
similar to the clamp gate except that an NPN emitter cou-
pled pair is used to control the current that will charge or
discharge the clamp capacitor externally connected from
pin 12 to ground PNP transistors are used at the inputs
because they offer a number of advantages over NPNs
PNPs will operate with base voltages at or near ground and
will usually have a greater emitter base breakdown voltage
(BVebo) Because the differential input voltage to the clamp
comparator during the video scan period could be greater
than the BVebo of NPN transistors a resistor (R63) with a
value one half that of R60 or R68 is connected between the
bases of Q71 and Q79 The clamp comparator’s common
mode range is from ground to approximately 9V and the
maximum differential input voltage is VCC
http
www nationalcom
9


Numéro de pièce similaire - LM1212

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
LM121 SEOUL-LM121 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM121 SEOUL-LM121 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM121 SEOUL-LM121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM121 SEOUL-LM121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM121 SEOUL-LM121 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Description similaire - LM1212

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1205A TI1-LM1205A Datasheet
1Mb / 26P
[Old version datasheet]   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1202 NSC-LM1202 Datasheet
290Kb / 18P
   LM1202 230 MHz Video Amplifier System
logo
Mitsubishi Electric Sem...
M52734SP MITSUBISHI-M52734SP Datasheet
100Kb / 13P
   3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com