Moteur de recherche de fiches techniques de composants électroniques |
|
NE18OA01 Fiches technique(PDF) 2 Page - ITT Industries |
|
NE18OA01 Fiches technique(HTML) 2 Page - ITT Industries |
2 / 9 page A–100 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection C&K NE-18 Series Mains / Power Switches Style F01 FMR F02 FG* F12 FSC F13 FSD F14 FU12 F15 FSB F16 FE F19 FA F21 F001 Button Color 01 Black 02 White 03 Red 04 Light gray Order Code - Buttons Solid Buttons Mechanical Indicator Buttons Style F01 FA100 F02 FA101 F07 FA120 F08 FA2O1 F11 FA200* Shell Color 01 Black Out Position Color 01 Black In Position Color 02 White 06 Yellow 07 Blue 08 Green 12 Orange *Button options for central mounting configurations, use ‘FG’ for central mount with chrome dress nut, use ‘FA200’ for central mount with black dress nut. BUTTON REMOVAL A button of a push-push switch should only be removed in the “OFF” non-latching position. A (A) (R) (R) P 1 P 2 (A) 0.394 (10) 0.494 (12,55) NE18 2U DESIGNATION & SWITCHES WITH STANDARD OPTIONS NE1838EE 0.7 (17,8) 1.09 (27,8) 0.406 (21,4) 0.335 (8,5) |
Numéro de pièce similaire - NE18OA01 |
|
Description similaire - NE18OA01 |