Moteur de recherche de fiches techniques de composants électroniques |
|
E101J1AV2K322 Fiches technique(PDF) 2 Page - ITT Industries |
|
E101J1AV2K322 Fiches technique(HTML) 2 Page - ITT Industries |
2 / 14 page H–27 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com DPDT 2-1,5-4 N/A OPEN N/A 2-3,5-4 2-3,5-6 ON NONE ON ON OFF ON MOM. OFF MOM. ON OFF MOM. ON NONE MOM. ON ON ON ON ON MOM. MOM. ON MOM. E201 E203 E205 E207 E208 E211** E213** E215** DP SPDT 2-1 N/A OPEN N/A 2-3 ON NONE ON ON OFF ON MOM. OFF MOM. ON OFF MOM. ON NONE MOM. E101 E103 E105 E107 E108 SP SCHEMATIC CONNECTED TERMINALS POS. 1 POS. 2 POS. 3 SWITCH FUNCTION POS. 1 POS. 2 POS. 3 MODEL NO. NO. POLES C&K E Series Sealed Miniature Rocker and Lever Handle Switches SWITCH FUNCTION DPDT SPDT Part number shown: E101J1ZBE2 Part number shown: E201J1ZBE2 ** Wiring for 3-way switch, Hardware available seperately, see Technical Data section of this catalog. MOM. = Momentary All models with all options when ordered with G, L, M or Q contact material. Terminal Nos. For Reference Only Terminal Nos. For Reference Only C&K marking on opposite side C&K marking on opposite side H |
Numéro de pièce similaire - E101J1AV2K322 |
|
Description similaire - E101J1AV2K322 |