Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA-M10L-L Fiches technique(PDF) 2 Page - TDK Electronics

No de pièce CXA-M10L-L
Description  On-board type, Non-dimming, 6W, For 1 and 2 bulbs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-M10L-L Fiches technique(HTML) 2 Page - TDK Electronics

  CXA-M10L-L Datasheet HTML 1Page - TDK Electronics CXA-M10L-L Datasheet HTML 2Page - TDK Electronics CXA-M10L-L Datasheet HTML 3Page - TDK Electronics CXA-M10L-L Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M10A-L/-M10L-L/-M10M-L
TDK DC-AC Inverter
A435_CXAM10
(2/4)
ELECTRICAL CHARACTERISTICS
5V INPUT TYPE/CXA-M10A-L
Connections
Items
Unit
Symbol
Specifications
Conditions
min.
typ.
max.
Vin(V)
Ta(°C)
RL(k
Ω)
Output current Irms
mA
Iout
9
10
11
5±1%
23±5
40
8
10
12
5±5%
–10 to +60
30 to 50
Input current Idc
A
Iin
1
1.5
5±5%
–10 to +60
30 to 50
A
Oscillation frequency
kHz
FL
23
28
33
5±5%
–10 to +60
30 to 50
Open circuit output
V
Vopen
1000
1200
5±5%
–10 to +60
voltage Erms
Output power
W
Pout
6
5±5%
–10 to +60
Output current Irms
mA
Iout
5.1
6
6.5
5±1%
23±5
67
4.5
6
7.1
5±5%
–10 to +60
50 to 84
Input current Idc
A
Iin
0.6
1
5±5%
–10 to +60
50 to 84
B
Oscillation frequency
kHz
FL
27
32
37
5±5%
–10 to +60
50 to 84
Open circuit output
V
Vopen
1000
1200
5±5%
–10 to +60
voltage Erms
Output power
W
Pout
3.6
5±5%
–10 to +60
Output current Irms
mA
Iout
4.2
5
5.4
5±1%
23±5
80
3.7
5
5.9
5±5%
–10 to +60
60 to 100
Input current Idc
A
Iin
0.6
0.9
5±5%
–10 to +60
60 to 100
C
Oscillation frequency
kHz
FL
23
28
33
5±5%
–10 to +60
60 to 100
Open circuit output
V
Vopen
1000
1200
5±5%
–10 to +60
voltage Erms
Output power
W
Pout
3
5±5%
–10 to +60
Iout1
4.5
5
5.5
5±1%
23±5
80
Output current Irms
mA
Iout2
4.5
5
5.5
5±1%
23±5
80
Iout1
4
5
6
5±5%
–10 to +60
60 to 100
Iout2
4
5
6
5±5%
–10 to +60
60 to 100
D
Input current Idc
A
Iin
1
1.5
5±5%
–10 to +60
60 to 100
Oscillation frequency
kHz
FL
23
28
33
5±5%
–10 to +60
60 to 100
Open circuit output
V
Vopen
1000
1200
5±5%
–10 to +60
voltage Erms
Output power
W
Pout
3
×2
5±5%
–10 to +60
All specifications are subject to change without notice.


Numéro de pièce similaire - CXA-M10L-L

FabricantNo de pièceFiches techniqueDescription
logo
Power Systems GmbH+Co.K...
CXA-M10L-L POWER-SYSTEMS-CXA-M10L-L Datasheet
132Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
More results

Description similaire - CXA-M10L-L

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
   Connector type, Dimming, 7W, For 2 bulbs
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-M1112-VJ TDK-CXA-M1112-VJ Datasheet
65Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, For 2 Bulbs
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
CXA-M1212-RJL TDK-CXA-M1212-RJL Datasheet
74Kb / 2P
   DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
CXA-L0505-NJL TDK-CXA-L0505-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
CXA-L0524-NJL TDK-CXA-L0524-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
CXA-L0512-NJL TDK-CXA-L0512-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com