Moteur de recherche de fiches techniques de composants électroniques |
|
CA3108B32-8S Fiches technique(PDF) 2 Page - ITT Industries |
|
CA3108B32-8S Fiches technique(HTML) 2 Page - ITT Industries |
2 / 5 page Dimensions are shown in mm (inch) Dimensions subject to change www.ittcannon.com Circular CA/MS A&B How to Order SERIES PREFIX MS – Complies with Military Specification MIL-C-5015 CA – Cannon prefix indicating special application or variation of MS SHELL STYLE 3100 – Wall Mounting Receptacle (A version only) 3101 – Cord Connector Plug (A version only) 3102 – Box Mounting Receptacle 3106 – Straight Plug 3108 – 90° Angle Plug (B version only) CLASS A – Solid or one-piece endbell B – Split or two-piece endbell SHELL SIZE Coupling thread diameter in sixteenths of an inch CONTACT ARRANGEMENTS Refer to page 3 CONTACT TYPE P – Pin S – Socket ALTERNATE INSERT POSITIONS Refer to page 4 MODIFICATIONS Contact Cannon for other options. For more information, please contact your local Cannon sales office. Accessories Cable clamps are available in both the environmentally safe green zinc and black zinc, and will accommodate shell sizes 10SL-36. Double clamping action provides a balanced, positive hold on the wires and greatly reduces moisture transmission, a real benefit in applications that require environmental sealing. This clamp is provided with the bushing. Shell Part Number Part Number Size Green Zinc Black Zinc 10SL, 12S CA17711-111 CA17711-103 14S CA17711-112 CA17711-104 16S, 16 CA17711-113 CA17711-101 18 CA17711-114 CA17711-102 20, 22 CA17711-115 CA17711-22 24, 28 CA17711-116 CA17711-105 32 CA17711-117 CA17711-106 36 CA17711-118 CA17711-107 2 |
Numéro de pièce similaire - CA3108B32-8S |
|
Description similaire - CA3108B32-8S |