Moteur de recherche de fiches techniques de composants électroniques |
|
R05LD30-TF4-T Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
R05LD30-TF4-T Fiches technique(HTML) 4 Page - Unisonic Technologies |
4 / 9 page RXXLD30 Linear Integrated Circuit UNISONICTECHNOLOGIESCO.,LTD 4 www.unisonic.com.tw QW-R102-028,A For R09LD30(9V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN =11V, IOUT=2A 8.73 9.0 9.27 V Line Regulation ∆V OUT VIN =10 ~ 16V, IOUT=5mA 0.5 2.5 % Load Regulation ∆V OUT VIN =11V, IOUT=5mA ~ 3.0A 0.1 2.0 % Temperature Coefficient of Output Voltage TcVo TJ=0 ~ 125°C, IOUT=5mA ±0.02 %/ °C Ripple Rejection RR Refer to Fig.2 45 55 dB Dropout Voltage VD (Note1), IOUT=3A 0.5 V ON VC(ON) VIN =11V 2.0 V Voltage for Control(Note2) OFF VC(OFF) VIN =11V 0.8 V ON IC(ON) VC=2.7V, VIN =11V 20 µA Current for Control OFF IC(OFF) VC=0.4V, VIN =11V -0.4 mA Quiescent Current ID IOUT =0A, VIN =11V 10 mA For R12LD30(12V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN =14V, IOUT=2A 11.64 12.0 12.36 V Line Regulation ∆V OUT VIN =13 ~ 19V, IOUT=5mA 0.5 2.5 % Load Regulation ∆V OUT VIN =14V, IOUT=5mA ~ 3.0A 0.1 2.0 % Temperature Coefficient of Output Voltage TcVo TJ=0 ~ 125°C, IOUT=5mA ±0.02 %/ °C Ripple Rejection RR Refer to Fig.2 45 55 dB Dropout Voltage VD (Note1), IOUT=3A 0.5 V ON VC(ON) VIN =14V 2.0 V Voltage for Control(Note2) OFF VC(OFF) VIN =14V 0.8 V ON IC(ON) VC=2.7V, VIN =14V 20 µA Current for Control OFF IC(OFF) VC=0.4V, VIN =14V -0.4 mA Quiescent Current ID IOUT =0A, VIN =14V 10 mA Note: 1.Input voltage shall be the value when output voltage is 95% in comparison with the initial value. 2.In case of opening control terminal(pin 5 of TO-220B, pin 4 of TO-220F-4), output voltage turns on. |
Numéro de pièce similaire - R05LD30-TF4-T |
|
Description similaire - R05LD30-TF4-T |