Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K1100BACM Fiches technique(PDF) 2 Page - MTRONPTI

No de pièce K1100BACM
Description  14 PIN dip 5.0 volt clock oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MTRONPTI [MTRONPTI]
Site Internet  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1100BACM Fiches technique(HTML) 2 Page - MTRONPTI

  K1100BACM Datasheet HTML 1Page - MTRONPTI K1100BACM Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
2
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
PIN
FUNCTION
N/C / Tri-State
1
2
3
Ground
Output
4
+ VCC
K1100BA Series
5V Crystal Clock Oscillators
TEST METHODS
REFERENCE PROCEDURES
DESCRIPTION
Temperature Cycle
MIL-STD-833, Mtd 1010, Cond. B
Mechanical Shock
MIL-STD-883, Mtd 2002, Cond. B
-55°C to +125°C; Air-to-Air; 100 cycles; 10
min. dwell
Vibration
MIL-STD 883, Mtd 2007, Cond. B
20-2000 Hz; 0.06 inch; 15g’s; 3 planes
Humidity Steady State
MIL-STD-202, Mtd 103
40°C; 90%-95% R.H.; 56 days
Thermal Shock
MIL-STD-883, Mtd 1011.7 Cond. B
Electrostatic Discharge
Solderability
Hermeticity
Resistance to Soldering
Lead Integrity
Marking Permanence
Life Test
100°C to 0°C; Water-to-Water; 15 cycles
2 KV to 4 KV Threshold
Solder dip; Meniscograph Criteria
Mass spectro. 2 x 10-8 atmos. CC/sec He
235°C; 30 seconds
Lead tension & bend stress
Resistance to solvents
1500 g’s
MIL-STD-883, Mtd 3015 Class II
MIL-STD-883, Mtd 1005.6
MIL-STD-883, Mtd 2022.2
MIL-STD-883, Mtd 1014.8, Cond. A1
MIL-STD-202, Mtd 210D, Cond. J
MIL-STD-883, Mtd 2004.5, Cond. A, B1
MIL-STD-883, Mtd 2015.8
125°C, powered, 1000 hours minimum
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
SHIPPING TUBE CROSS SECTION
Revision: 8-25-06
K1100BA, K1150BA, K1125BA, K1110BA Series
14 pin DIP, 5.0 Volt, Clock Oscillator


Numéro de pièce similaire - K1100BACM

FabricantNo de pièceFiches techniqueDescription
logo
MTRONPTI
K1100BACM MTRONPTI-K1100BACM Datasheet
353Kb / 2P
   14 pin DIP, 5.0 Volt, Clock Oscillator
K1100BACM-R MTRONPTI-K1100BACM-R Datasheet
353Kb / 2P
   14 pin DIP, 5.0 Volt, Clock Oscillator
More results

Description similaire - K1100BACM

FabricantNo de pièceFiches techniqueDescription
logo
MTRONPTI
K1100BA MTRONPTI-K1100BA_07 Datasheet
353Kb / 2P
   14 pin DIP, 5.0 Volt, Clock Oscillator
K3100G MTRONPTI-K3100G_07 Datasheet
311Kb / 2P
   14 pin DIP, 5.0 Volt, Clock Oscillator
MHO++ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
ME11XAA MTRONPTI-ME11XAA Datasheet
190Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
MA11FAA MTRONPTI-MA11FAA Datasheet
190Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MHO MTRONPTI-MHO Datasheet
261Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO++ MTRONPTI-MHO+ Datasheet
236Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
ME MTRONPTI-ME_07 Datasheet
256Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
MA MTRONPTI-MA_07 Datasheet
258Kb / 1P
   14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500_08 Datasheet
249Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com