Moteur de recherche de fiches techniques de composants électroniques |
|
74F365LMX Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
74F365LMX Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
3 / 8 page Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Storage Temperature b 65 Cto a150 C Ambient Temperature under Bias b 55 Cto a125 C Junction Temperature under Bias b 55 Cto a175 C Plastic b 55 Cto a150 C VCC Pin Potential to Ground Pin b 05V to a70V Input Voltage (Note 2) b 05V to a70V Input Current (Note 2) b 30 mA to a50 mA Voltage Applied to Output in HIGH State (with VCC e 0V) Standard Output b 05V to VCC TRI-STATE Output b 05V to a55V Current Applied to Output in LOW State (Max) twice the rated IOL (mA) Note 1 Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired Functional operation under these conditions is not implied Note 2 Either voltage limit or current limit is sufficient to protect inputs Recommended Operating Conditions Free Air Ambient Temperature Military b 55 Cto a125 C Commercial 0 Cto a70 C Supply Voltage Military a 45V to a55V Commercial a 45V to a55V DC Electrical Characteristics Symbol Parameter 54F74F Units VCC Conditions Min Typ Max VIH Input HIGH Voltage 20 V Recognized as a HIGH Signal VIL Input LOW Voltage 08 V Recognized as a LOW Signal VCD Input Clamp Diode Voltage b 12 V Min IIN eb18 mA VOH Output HIGH 54F 10% VCC 24 IOH eb3mA Voltage 54F 10% VCC 20 IOH eb12 mA 74F 10% VCC 24 V Min IOH eb3mA 74F 10% VCC 20 IOH eb15 mA 74F 5% VCC 27 IOH eb3mA VOL Output LOW 54F 10% VCC 055 V Min IOL e 48 mA Voltage 74F 10% VCC 055 IOL e 64 mA IIH Input HIGH Current 20 m A Max VIN e 27V IBVI Input HIGH Current 100 m A 00 VIN e 70V Breakdown Test IIL Input LOW Current b 20 m A Max VIN e 05V IOZH Output Leakage Current 50 m A Max VOUT e 27V IOZL Output Leakage Current b 50 m A Max VOUT e 05V IOS Output Short-Circuit Current b 100 b 225 mA Max VOUT e 0V ICEX Output HIGH Leakage Current 250 m A Max VOUT e VCC IZZ Bus Drainage Test 500 m A 00V VOUT e 525V ICCH Power Supply Current 25 35 mA Max VO e HIGH ICCL Power Supply Current 44 62 mA Max VO e LOW ICCZ Power Supply Current 35 48 mA Max VO e HIGH Z 3 |
Numéro de pièce similaire - 74F365LMX |
|
Description similaire - 74F365LMX |