Moteur de recherche de fiches techniques de composants électroniques |
|
MAX6701-08 Fiches technique(PDF) 1 Page - Maxim Integrated Products |
|
MAX6701-08 Fiches technique(HTML) 1 Page - Maxim Integrated Products |
1 / 12 page General Description The MAX6701–MAX6708 microprocessor (µP) supervisory circuits reduce the complexity and components required to monitor power-supply functions in µP systems. These devices significantly improve system reliability and accu- racy compared to separate ICs or discrete components. The MAX6701–MAX6708 family provides four functions: a reset output during power-up, power-down, and brownout conditions; an independent watchdog output that goes low if the watchdog input has not been toggled within 1.6s; a 0.62V threshold detector for power-fail warning; and an active-low manual reset input. The MAX6701–MAX6708 family offers several pinout options to accommodate a variety of multivoltage micro- processor supervision applications. The MAX6701(A)/MAX6702(A)/MAX6703(A) monitor three supply voltages (one fixed threshold and two adjustable) to drive a single reset output and include a manual reset input and a watchdog timer with an inde- pendent output. The MAX6704 monitors a single-supply voltage to drive complementary reset outputs and includes an independent adjustable power-fail-in/power- fail-out comparator, a manual reset input, and a reset- based watchdog timer. The MAX6705(A)/MAX6706(A)/ MAX6707(A) monitor a single-supply voltage to drive a single reset output and include an independent adjustable power-fail-in/power-fail-out comparator, a manual reset input, and a watchdog timer with an inde- pendent output. The MAX6708 is the same as the MAX6704 but without the watchdog timer function. See the Detailed Description for differences between non-A and A versions. Applications Computers Controllers Intelligent Instruments Automotive Systems Critical µP Power Monitoring White Goods Networking Telecommunications Features o Small 8-Pin SOT23 Package o Precision Monitoring of +5.0V, +3.3V, +3.0V, +2.5V Supply Voltages o 140ms Reset Timeout Delay o Power-Fail Input with Independent Output; Monitor Inputs Down to 0.62V (MAX6704–MAX6708) o Dual Adjustable Reset Input for Triple-Voltage Monitoring (MAX6701(A)/MAX6702(A)/MAX6703(A)) o 1.6s Watchdog Timeout Period (MAX6701(A)–MAX6707(A)) o Independent Watchdog Output (MAX6701(A)/MAX6702(A)/MAX6703(A)/ MAX6705(A)/MAX6706(A)/MAX6707(A)) o Manual Reset Input o Four Reset Output Stage Options Active Low Push-Pull (MAX6701(A), MAX6705(A)) Active Low Open Drain (MAX6703(A), MAX6707(A)) Active High Push-Pull (MAX6702(A), MAX6706(A)) Dual Active Low/High Push-Pull (MAX6704, MAX6708) o Guaranteed Reset Valid to VCC = 1V o Immune to Short Falling VCC Transients o Low Cost, Few External Components Low-Voltage, SOT23 µP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer ________________________________________________________________ Maxim Integrated Products 1 WDI RST_IN2 RST_IN1 ( ) ARE FOR MAX6702(A) ONLY. 1 2 8 7 WDO RESET (RESET) VCC GND MR SOT23 TOP VIEW 3 4 6 5 MAX6701(A) MAX6702(A) MAX6703(A) Pin Configurations Ordering Information 19-1952; Rev 3; 12/05 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. PART TEMP RANGE PIN-PACKAGE MAX6701_KA-T -40°C to +125°C 8 SOT23-8 MAX6701A_KA-T -40°C to +125°C 8 SOT23-8 Insert the desired suffix letter (from the Threshold Suffix Guide table) into the blank to complete the part number. All devices must be ordered in increments of 2500 pieces. Sample stock is typically held on standard versions only. Contact factory for availability. Devices are available in both leaded and lead-free packaging. Specify lead-free by replacing “-T” with “+T” when ordering. Ordering Information continued at end of data sheet. Typical Operating Circuit and Selector Guide appear at end of data sheet. Pin Configurations continued at end of data sheet. |
Numéro de pièce similaire - MAX6701-08 |
|
Description similaire - MAX6701-08 |