Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-K150-10001 Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-K150-10001
Description  T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K150-10001 Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-K150-10001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-K150-10001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-K150-10001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-K150-10001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K150-10001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K150-10001 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mechanical Option Matrix
Mechanical
Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, minimum increment 1300 pcs for T-13/4, 1800 pcs for T-1
02
Tape & Reel, straight leads, minimum increment 1300 pcs for T-13/4, 1800 pcs for T-1
A1
T-1, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
A2
T-1, Right Angle Housing, even leads, minimum increment 500 pcs/bag
B1
T-13/4, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
B2
T-13/4, Right Angle Housing, even leads, minimum increment 500 pcs/bag
DD
Ammo Pack, straight leads with minimum 2K increment
DH
Ammo Pack, straight leads with minimum 2K increment
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent
representative for further clarification/information.
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5968-1438EN
November 12, 2004
5988-2229EN


Numéro de pièce similaire - HLMP-K150-10001

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K150-CD000 AVAGO-HLMP-K150-CD000 Datasheet
303Kb / 9P
   Minimum luminous intensity specified at 1 mA
logo
QT Optoelectronics
HLMP-K150-MP4A QT-HLMP-K150-MP4A Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-K150-MP4B QT-HLMP-K150-MP4B Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Description similaire - HLMP-K150-10001

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com