Moteur de recherche de fiches techniques de composants électroniques |
|
DM64J72S205Q3 Fiches technique(PDF) 2 Page - ITT Industries |
|
DM64J72S205Q3 Fiches technique(HTML) 2 Page - ITT Industries |
2 / 4 page H–76 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H C&K DM Series Miniature Illuminated Power Rocker Switches SWITCH FUNCTION ACTUATOR HOUSING STYLE/COLOR 2B 1B Actuator shown in pos. 1 – 'ON' position. SPST DPST OPEN OPEN 1-1A 1-1A, 2-2A OFF OFF ON ON 3 10 3 10 DM14 DM54 DM24 DM64 SP DP SCHEMATIC CONNECTED TERMINALS POS. 1 POS. 2 SWITCH FUNCTION POS. 1 POS. 2 AMP RATING* MODEL NO. NO. POLES DPDT Part number shown: DM24J72S205Q3 SPST models (DM14 & DM54), omit terminals 2 and 2A. * RATINGS: DM14 and DM24 models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC. All models with all options. S2 SNAP-IN, BLACK J7 ROCKER WITH COLORLESS LED WINDOW NOTE: Other colors available, consult Customer Service Center. NOTE: Housing finish: matte. Other colors available, consult Customer Service Center. 2 BLACK 1 WHITE ACTUATOR COLOR OPTION CODE 1A 1 2A 2 3 4 3 11A 4 |
Numéro de pièce similaire - DM64J72S205Q3 |
|
Description similaire - DM64J72S205Q3 |