Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDM6448TS-S Fiches technique(PDF) 1 Page - Hantronix,Inc

No de pièce HDM6448TS-S
Description  640 X 480 7.4 VGA Monochrome, with Touch Screen
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HANTRONIX [Hantronix,Inc]
Site Internet  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM6448TS-S Fiches technique(HTML) 1 Page - Hantronix,Inc

  HDM6448TS-S Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 37
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
-0.3
6.5
V
SUPPLY VOLTAGE FOR LCD
VDD - VEE (N) 0
27.0
V
VEE- VSS (P)
0
27.0
INPUT VOLTAGE
VIN
-0.3
VDD+0.3 V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
HUMIDITY (NO CONDENSA-
TION)
-
10
85
%RH
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
DATA CONNECTOR
1
FP
H
First Line Marker
2
LP
H/L
Data Latch
3
SCP
H/L
Shift clock
4
DISPOFF
H/L
H=On, L=Off
5
VDD
5V
Power supply for logic
6
VSS
0V
Ground
7
VEE
-
Operating voltage for LC
8
UD0
H/L
Upper screen data input
9
UD1
H/L
Upper screen data input
10
UD2
H/L
Upper screen data input
11
UD3
H/L
Upper screen data input
12
LD0
H/L
Lower screen data input
13
LD1
H/L
Lower screen data input
14
LD2
H/L
Lower screen data input
15
LD3
H/L
Lower screen data input
CCFL CONNECTOR
1
VFL
-
Power supply for CCFL
2&3
NC
-
No Connection
4
VFLG
-
Ground
TOUCH SCREEN CONNECTOR
1
Y+
-
Top Direction
2
Y-
-
Bottom Direction
3
X-
-
Left Direction
4
X+
-
Right Direction
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VDD
-
4.75 5.0
5.25 V
VEE (N) VDD - VEE
22.3 22.8 23.3 V
VEE (P)
VEE- VSS
21.3 22.7 23.1 V
POWER SUPPLY CURRENT
IDD (N) VDD=5.0V
-
12.0 -
mA
IEE (N)
VEE=-17.0V
-
5.0
-
mA
IDD (P)
VDD=5.0V
2.0
4.0
mA
IEE (P)
VEE=+22.7V
6.8
13.0 mA
INPUT HIGH VOLTAGE
VIH
-
4.5
-
VDD
V
INPUT LOW VOLTAGE
VIL
-
0.3
-
0.5
V
CCFL OP. VOLTAGE
VFL
IFL=5mArms 200 350 600 Vrms
CCFL OP. CURRENT
IFL
VFL=360V
3.0
5.0
6.0
mA
CCFL START VOLTAGE
VFLS
Ta=0°C
900
-
-
Vrms
CCFL FREQUENCY
fFL
-
20
-
-
kHz
FRAME FREQUENCY
fFP
-
65
72
80
Hz
DRIVE METHOD
1/240 DUTY
Features
Backlight.........................................................................CCFL
Options................................................Black and White FSTN
Built-in Controller.............................................................None
Features
Physical Data
Module Size................................205.5W x 141.0H x 7.0T mm
Viewing Area Size..................................151.0W x 113.4H mm
Dot Pitch....................................................0.23W x 0.23H mm
Dot Size.....................................................0.21W x 0.21H mm
Weight..............................................................................310g
Dimension tolerance: +/-0.3mm
Dimensional Drawing
640 X 480 7.4” VGA Monochrome, with Touch Screen
0.02
0.21
VDD
VSS
L
C
M
+
VLCD
RH
RL
5V
27V
RH+RL = 10 ~ 20KΩ
VEE
Power Supply
HDM6448TS-S
1
15
151.0x113.4
Viewing Area
147.18x110.38
Active Area
95.0
153.0 Bezel Opening
2-R1.5
1
2.0
4.5
102.0±0.5
200.0±0.5
104.5
189.5±0.4
106.5
98.5
205.5
2-Ø3.0±0.2
3
1
4
2
30.0±15
BEZEL
MOLDER
Ø6.5 (Molder Hole)
Ø3.0±0.2 (Bezel Hole)
A-A’ SECTION
A
A’
CONNECTOR INFORMATION:
LCD
DISPLAY: 53261-1590 (MOLEX)
MATING: 51021-1500 (MOLEX)
or
1.25mm Pitch, 15 PIN FFC/FPC for solder
CCFL
DISPLAY: M63M83-04 (MITSUMI)
MATING: M60-04-30-114P (MITSUMI)
TOUCH SCREEN
DISPLAY: 65801-004 (BERG)
MATING: 69167-104 (BERG)
157.5 Touch Screen (Viewing Area)
2.4
7.0 MAX
+
76.0±3
+
22V
“N” version
NOTE: Available with either positive Vee (“P” version) or negative Vee (“N” version)


Numéro de pièce similaire - HDM6448TS-S

FabricantNo de pièceFiches techniqueDescription
logo
Hantronix,Inc
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
   640 X 480 9.5 VGA Monochrome
HDM6448-1 HANTRONIX-HDM6448-1_15 Datasheet
149Kb / 15P
   640 x 480 GRAPHICS LCD DISPLAY MODULE
logo
List of Unclassifed Man...
HDM6448-6 ETC1-HDM6448-6 Datasheet
30Kb / 1P
   640 X 480 Dots Graphic Small Size CCFL Backlight
logo
Hantronix,Inc
HDM6448-6 HANTRONIX-HDM6448-6_15 Datasheet
157Kb / 15P
   640 x 480 GRAPHICS LCD DISPLAY MODULE
HDM6448-7 HANTRONIX-HDM6448-7 Datasheet
53Kb / 1P
   640 X 480 7.5 VGA Single scan Mono STN display
More results

Description similaire - HDM6448TS-S

FabricantNo de pièceFiches techniqueDescription
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
   640 X 480 10.4 VGA Monochrome
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
   640 X 480 9.5 VGA Monochrome
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
   640 X 480 10.4 VGA Color w/Touch Screen
HDM6448ATSC-7 HANTRONIX-HDM6448ATSC-7 Datasheet
32Kb / 1P
   640 X 480 7.5 Single Scan VGA Color w/Touch Screen
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
   640 X 480 10.4 VGA Color
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
   OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
   10.4??VGA (640 x 480) Color TFT LCD
logo
Hantronix,Inc
HDM6448C-7 HANTRONIX-HDM6448C-7 Datasheet
29Kb / 1P
   640 X 480 7.5 Single Scan VGA Color
logo
OmniVision Technologies...
OV7750 OMNIVISION-OV7750 Datasheet
2Mb / 125P
   CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com