Moteur de recherche de fiches techniques de composants électroniques |
|
CAT1163 Fiches technique(PDF) 10 Page - Catalyst Semiconductor |
|
CAT1163 Fiches technique(HTML) 10 Page - Catalyst Semiconductor |
10 / 28 page Visit our website for samples, data sheets, and additional product information. 8 ALO GENFR TM LEAD FREE PRODUCT LIST DC-DC CONVERTERs Part Number Operating Modes Input Voltage Ground Current Output Current Switching Frequency Output Impedence Internal Regulation Packages (Pin Count)1 DIP (P,L,GL) MSOP (R,Z,GZ) SOIC (S,V,GV) TSOT23 (TS,TD,GTD) TDFN (RD8,ZD8,GD8) (4 x 4 mm) CAT3200 2xVIN 2.7-4.5V 1.6mA 100mA 2MHz 10 Ω Yes 8 CAT3200-5 2xVIN 2.7-4.5V 1.6mA 100mA 2MHz 10 Ω Yes 6 CAT660 2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 10/80kHz 4 Ω No 8 8 8 CAT661 2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 25/135kHz 4 Ω No 8 8 8 APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS Document Number Title AN15 CAT3200DB1 Board Hardware for the CAT3200 DC-DC Converter AN18 CAT660EVAL1 Evaluation Board for the CAT660 Charge Pump Voltage Converter PRODUCT LIST LOW VOLTAGE SHUNT REGULATORs Part Number Reference Voltage (V) Reference Voltage Across Temp2 Initial Accuracy Packages (Pin Count)1 Min Max SOT23 (TP,TB,GTB) TO-92 (TN,TL,GTL) CAT102 0.6 0.588 0.612 +1% 5 CAT431L 1.24 1.228 1.252 +0.5% 3,5 3 d c - d c c o n v e r t e r s / s h u n t r e g u l a t o r s Notes: 1. Available in standard and“green”packages. 2. Operating temp range of -40˚C to +85˚C with junction temperatures from -40˚C to +105˚C. All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com. |
Numéro de pièce similaire - CAT1163 |
|
Description similaire - CAT1163 |