Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV212BBCZRL-115 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADV212BBCZRL-115
Description  JPEG 2000 Video Codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV212BBCZRL-115 Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADV212BBCZRL-115 Datasheet HTML 2Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 3Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 4Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 5Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 6Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 7Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 8Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 9Page - Analog Devices ADV212BBCZRL-115 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADV212
Rev. 0 | Page 6 of 44
NORMAL HOST MODE—WRITE OPERATION
Table 4.
Parameter
Mnemonic
Min
Typ
Max
Unit
WE to ACK, Direct Registers and FIFO Accesses
t
ACK (direct)
5
1.5 × JCLK + 7.0
ns
WE to ACK, Indirect Registers
t
ACK (indirect)
5
2.5 × JCLK + 7.0
ns
Data Setup
tSD
3.0
ns
Data Hold
tHD
1.5
ns
Address Setup
tSA
2
ns
Address Hold
tHA
2
ns
CS to WE Setup
tSC
0
ns
CS Hold
tHC
0
ns
Write Inactive Pulse Width (Minimum Time Until Next WE Pulse)
tWH
2.5 JCLK1
ns
Write Active Pulse Width
tWL
2.5 JCLK
ns
Write Cycle Time
tWCYC
5 JCLK
ns
1 For a definition of JCLK, see Figure 32.
ADDR
HDATA
tSA
tSC
tHC
tWL
tACK
tHD
tSD
tWH
tWCYC
tHA
CS
WE
ACK
VALID
Figure 3. Normal Host Mode—Write Operation


Numéro de pièce similaire - ADV212BBCZRL-115

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV212BBCZRL-115 AD-ADV212BBCZRL-115 Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
More results

Description similaire - ADV212BBCZRL-115

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ZR36060 ETC-ZR36060 Datasheet
307Kb / 46P
   Integrated JPEG CODEC
logo
Sanyo Semicon Device
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
logo
Analog Devices
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com