Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF861 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BF861
Description  N-channel junction FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF861 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BF861 Datasheet HTML 1Page - NXP Semiconductors BF861 Datasheet HTML 2Page - NXP Semiconductors BF861 Datasheet HTML 3Page - NXP Semiconductors BF861 Datasheet HTML 4Page - NXP Semiconductors BF861 Datasheet HTML 5Page - NXP Semiconductors BF861 Datasheet HTML 6Page - NXP Semiconductors BF861 Datasheet HTML 7Page - NXP Semiconductors BF861 Datasheet HTML 8Page - NXP Semiconductors BF861 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Sep 04
4
Philips Semiconductors
Product specification
N-channel junction FETs
BF861A; BF861B; BF861C
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C; VDS = 8 V; VGS = 0; unless otherwise specified.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage IG = −1 µA
−25
−−
V
VGSoff
gate-source cut-off voltage
ID =1 µA
BF861A
−0.2
−−1V
BF861B
−0.5
−−1.5
V
BF861C
−0.8
−−2V
VGSS
gate-source forward voltage
VDS = 0; IG =1mA
−−
1V
IDSS
drain current
BF861A
2
6.5
mA
BF861B
6
15
mA
BF861C
12
25
mA
IGSS
gate cut-off current
VGS = −20 V; VDS =0
−−−1nA
y
fs
forward transfer admittance
BF861A
12
20
mS
BF861B
16
25
mS
BF861C
20
30
mS
gos
common source output
conductance
BF861A
−−
200
µS
BF861B
−−
250
µS
BF861C
−−
300
µS
Ciss
input capacitance
f = 1 MHz
−−
10
pF
Crss
reverse transfer capacitance
f = 1 MHz
2.1
2.7
pF
Vn/√B
equivalent input noise voltage
VGS = 0; f = 1 MHz
1.5
nV/
√Hz


Numéro de pièce similaire - BF861

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF861A NXP-BF861A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF861B NXP-BF861B Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF861C NXP-BF861C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
More results

Description similaire - BF861

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
BSR56 PHILIPS-BSR56 Datasheet
37Kb / 6P
   N-channel FETs
April 1991
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com