Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF862 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BF862
Description  N-channel junction FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF862 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BF862 Datasheet HTML 1Page - NXP Semiconductors BF862 Datasheet HTML 2Page - NXP Semiconductors BF862 Datasheet HTML 3Page - NXP Semiconductors BF862 Datasheet HTML 4Page - NXP Semiconductors BF862 Datasheet HTML 5Page - NXP Semiconductors BF862 Datasheet HTML 6Page - NXP Semiconductors BF862 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1999 Jun 29
4
Philips Semiconductors
Preliminary specification
N-channel junction FET
BF862
STATIC CHARACTERISTICS
Tj =25
°C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25
°C; VGS =0; VDS = 8 V; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage
IGS =
−1 µA; VDS =0
−20
−−
V
VGS
gate-source forward voltage
VDS =0; IG =1mA
−−
1V
VGS (off)
gate-source cut-off voltage
VDS =8V; ID =1
µA
−−0.7
V
IGSS
reverse gate current
VGS =
−15 V; VDS =0
−−
−1nA
IDSS
drain-source current
VGS =0; VDS =8V
10
25
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
common source forward transfer
admittance
Tj =25
°C30
40
mS
gos
common source output
conductance
Tj =25
°C
−−
400
µS
Ciss
input capacitance
f = 1 MHz
10
pF
Crss
reverse transfer capacitance
f = 1 MHz
2.5
pF
en
equivalent noise input voltage
f = 100 kHz
0.8
nV/
√Hz
fT
transition frequency
640
MHz


Numéro de pièce similaire - BF862

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF862 NXP-BF862 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
BF862_2015 JMNIC-BF862_2015 Datasheet
87Kb / 12P
   N-channel junction FET
More results

Description similaire - BF862

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com