Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF861A Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BF861A
Description  N-channel junction FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF861A Fiches technique(HTML) 2 Page - NXP Semiconductors

  BF861A Datasheet HTML 1Page - NXP Semiconductors BF861A Datasheet HTML 2Page - NXP Semiconductors BF861A Datasheet HTML 3Page - NXP Semiconductors BF861A Datasheet HTML 4Page - NXP Semiconductors BF861A Datasheet HTML 5Page - NXP Semiconductors BF861A Datasheet HTML 6Page - NXP Semiconductors BF861A Datasheet HTML 7Page - NXP Semiconductors BF861A Datasheet HTML 8Page - NXP Semiconductors BF861A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Sep 04
2
Philips Semiconductors
Product specification
N-channel junction FETs
BF861A; BF861B; BF861C
FEATURES
• High transfer admittance
• Low input capacitance
• Low feedback capacitance
• Low noise.
APPLICATIONS
• Preamplifiers for AM tuners in car radios.
DESCRIPTION
N-channel symmetrical junction field effect transistors in a
SOT23 package.
PINNING - SOT23
PIN
SYMBOL
DESCRIPTION
1
s
source
2
d
drain
3
g
gate
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
Fig.1 Simplified outline and symbol.
Marking codes:
BF861A: M33.
BF861B: M34.
BF861C: M35.
handbook, halfpage
s
d
g
21
3
MAM036
Top view
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
25
V
IDSS
drain current
VGS = 0; VDS =8V
BF861A
2
6.5
mA
BF861B
6
15
mA
BF861C
12
25
mA
Ptot
total power dissipation
up to Tamb =25 °C
250
mW
yfs
forward transfer admittance
VGS = 0; VDS =8V
BF861A
12
20
mS
BF861B
16
25
mS
BF861C
20
30
mS
Ciss
input capacitance
f = 1 MHz
10
pF
Crss
reverse transfer capacitance
f = 1 MHz
2.7
pF


Numéro de pièce similaire - BF861A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF861A NXP-BF861A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Description similaire - BF861A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
BSR56 PHILIPS-BSR56 Datasheet
37Kb / 6P
   N-channel FETs
April 1991
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com