Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8682ARZ-REEL Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8682ARZ-REEL
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8682ARZ-REEL Fiches technique(HTML) 3 Page - Analog Devices

  AD8682ARZ-REEL Datasheet HTML 1Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 2Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8682ARZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8682/AD8684
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15.0 V, TA = 25°C, VCM = 0 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.35
1
mV
AD8682: +25°C ≤ TA ≤ +85°C
2.5
mV
AD8684: +25°C ≤ TA ≤ +85°C
3.5
mV
AD8682: −40°C ≤ TA ≤ +25°C
3
mV
AD8684: −40°C ≤ TA ≤ +25°C
4
mV
Input Bias Current
IB
6
20
pA
−40°C ≤ TA ≤ +85°C
125
pA
Input Offset Current
IOS
20
pA
−40°C ≤ TA ≤ +85°C
100
pA
Input Voltage Range
−11
+15
V
Common-Mode Rejection Ratio
CMRR
−11 V ≤ VCM ≤ +15 V, −40°C ≤ TA ≤ +85°C
70
90
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ
20
V/mV
RL = 10 kΩ, −40°C ≤ TA ≤ +85°C
15
V/mV
Offset Voltage Drift
ΔVOS/ΔT
10
μV/°C
Bias Current Drift
ΔIB/ΔT
8
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ
+13.5
+13.9
V
Output Voltage Low
VOL
RL = 10 kΩ
−13.9
−13.5
V
Short-Circuit Limit
ISC
Source
3
10
mA
Sink
−12
−8
mA
Open-Loop Output Impedance
ZOUT
f = 1 MHz
200
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V, −40°C ≤ TA ≤ +85°C
92
114
dB
Supply Current/Amplifier
ISY
VO = 0 V, −40°C ≤ TA ≤ +85°C
210
250
μA
Supply Voltage Range
VS
±4.5
±18
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
7
9
V/μs
Full-Power Bandwidth
BWP
1% distortion
125
kHz
Settling Time
tS
To 0.01%
1.6
μs
Gain Bandwidth Product
GBP
3.5
MHz
Phase Margin
ØO
55
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.3
μV p-p
Voltage Noise Density
en
f = 1 kHz
36
nV/√Hz
Current Noise Density
in
0.01
pA/√Hz


Numéro de pièce similaire - AD8682ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8682ARZ-REEL AD-AD8682ARZ-REEL Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
AD8682ARZ-REEL7 AD-AD8682ARZ-REEL7 Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
More results

Description similaire - AD8682ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP282 AD-OP282_04 Datasheet
340Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
OP282ARMZ AD-OP282ARMZ Datasheet
317Kb / 16P
   Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
Rev. I
OP282 AD-OP282 Datasheet
260Kb / 12P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. B
AD8682 AD-AD8682_07 Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
logo
Texas Instruments
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com