Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3845BP Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL3845BP
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL3845BP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TL3845BP Datasheet HTML 3Page - Texas Instruments TL3845BP Datasheet HTML 4Page - Texas Instruments TL3845BP Datasheet HTML 5Page - Texas Instruments TL3845BP Datasheet HTML 6Page - Texas Instruments TL3845BP Datasheet HTML 7Page - Texas Instruments TL3845BP Datasheet HTML 8Page - Texas Instruments TL3845BP Datasheet HTML 9Page - Texas Instruments TL3845BP Datasheet HTML 10Page - Texas Instruments TL3845BP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
Output Section Electrical Characteristics
Undervoltage-Lockout Section Electrical Characteristics
Pulse-Width Modulator Section Electrical Characteristics
Supply Voltage Electrical Characteristics
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
IOH = –20 mA
13
13.5
13
13.5
High-level output voltage
V
IOH = –200 mA
12
13.5
12
13.5
IOL = 20 mA
0.1
0.4
0.1
0.4
Low-level output voltage
V
IOL = 200 mA
1.5
2.2
1.5
2.2
Rise time
CL = 1 nF, TJ = 25°C
50
150
50
150
ns
Fall time
CL = 1 nF, TJ = 25°C
50
150
50
150
ns
UVLO saturation
VCC = 5 V, IOL = 1 mA
0.7
1.2
0.7
1.2
V
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
TLx842B, TLx844B
15
16
17
14.5
16
17.5
Start threshold voltage
V
TLx843B, TLx845B
7.8
8.4
9
7.8
8.4
9
TLx842B, TLx844B
9
10
11
8.5
10
11.5
Minimum operating voltage
V
after start-up
TLx843B, TLx845B
7
7.6
8.2
7
7.6
8.2
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
TL3842B, TL3843B
94
96
100
94
96
100
Maximum duty cycle
%
TL3844B, TL3845B
47
48
50
47
48
50
Minimum duty cycle
0
0
%
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
Start-up current
0.3
0.5
0.3
0.5
mA
Operating supply current
VFB and ISENSE at 0 V
11
17
11
17
mA
Limiting voltage
ICC = 25 mA
30
34
30
34
V
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
7
Submit Documentation Feedback


Numéro de pièce similaire - TL3845BP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3845BP TI-TL3845BP Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3845BP TI1-TL3845BP Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3845BPE4 TI-TL3845BPE4 Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Description similaire - TL3845BP

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com