Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5533BBC-1 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5533BBC-1
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5533BBC-1 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5533BBC-1 Datasheet HTML 5Page - Analog Devices AD5533BBC-1 Datasheet HTML 6Page - Analog Devices AD5533BBC-1 Datasheet HTML 7Page - Analog Devices AD5533BBC-1 Datasheet HTML 8Page - Analog Devices AD5533BBC-1 Datasheet HTML 9Page - Analog Devices AD5533BBC-1 Datasheet HTML 10Page - Analog Devices AD5533BBC-1 Datasheet HTML 11Page - Analog Devices AD5533BBC-1 Datasheet HTML 12Page - Analog Devices AD5533BBC-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD5532B
–9–
TERMINOLOGY
DAC MODE
Integral Nonlinearity (INL)
This is a measure of the maximum deviation from a straight line
passing through the endpoints of the DAC transfer function. It is
expressed as a percentage of full-scale span.
Differential Nonlinearity (DNL)
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified DNL of
±1 LSB maximum ensures
monotonicity.
Offset
Offset is a measure of the output with all zeros loaded to the
DAC and OFFS_IN = 0. Since each DAC is lifted off the ground
by approximately 50 mV, this output will typically be:
V
GAIN
mV
OUT
=× 50
Full-Scale Error
This is a measure of the output error with all 1s loaded to the
DAC. It is expressed as a percentage of full-scale range. It includes
the offset error. See Figure 6. It is calculated as:
Full Scale Error
V
Ideal Gain
REFIN
OUT Full Scale
-
()
()
where
Ideal Gain
3.52 for AD5532B
1
=−
Output Settling Time
This is the time taken from when the last data bit is clocked into
the DAC until the output has settled to within
±0.39%.
OFFS_IN Settling Time
This is the time taken from a 0 V–3 V step change in input voltage
on OFFS_IN until the output has settled to within
±0.39%.
Digital-to-Analog Glitch Impulse
This is the area of the glitch injected into the analog output when
the code in the DAC register changes state. It is specified as the
area of the glitch in nV-secs when the digital code is changed by
1 LSB at the major carry transition (011 ...11 to 100 . . . 00 or
100 . . . 00 to 011 . . . 11).
Digital Crosstalk
This is the glitch impulse transferred to the output of one DAC at
midscale while a full-scale code change (all 1s to all 0s and vice
versa) is being written to another DAC. It is expressed in nV-secs.
Analog Crosstalk
This the area of the glitch transferred to the output (VOUT) of
one DAC due to a full-scale change in the output (VOUT) of
another DAC. The area of the glitch is expressed in nV-secs.
Digital Feedthrough
This is a measure of the impulse injected into the analog outputs
from the digital control inputs when the part is not being written
to, i.e.,
CS/SYNC is high. It is specified in nV-secs and is mea-
sured with a worst-case change on the digital input pins, e.g., from
all 0s to all 1s and vice versa.
Output Noise Spectral Density
This is a measure of internally generated random noise. Random
noise is characterized as a spectral density (voltage per root Hertz).
It is measured by loading all DACs to midscale and measuring
noise at the output. It is measured in nV/
√Hz.
Output Temperature Coefficient
This is a measure of the change in analog output with changes
in temperature. It is expressed in ppm/
°C.
DC Power Supply Rejection Ratio
DC power supply rejection ratio (PSRR) is a measure of the change
in analog output for a change in supply voltage (VDD and VSS).
It is expressed in dBs. VDD and VSS are varied
±5%.
DC Crosstalk
This is the change in the output level of one DAC at midscale in
response to a full-scale code change (all 0s to all 1s and vice versa)
and output change of all other DACs. It is expressed in
µV.
ISHA MODE
Total Unadjusted Error (TUE)
This is a comprehensive specification that includes relative
accuracy, gain and offset errors. It is measured by sampling a
range of voltages on VIN and comparing the measured voltages
on VOUT to the ideal value. It is expressed in mV.
VIN to VOUT Nonlinearity
This is a measure of the maximum deviation from a straight line
passing through the endpoints of the VIN versus VOUT transfer
function. It is expressed as a percentage of the full-scale span.
Offset Error
This is a measure of the output error when VIN = 70 mV. Ideally,
with VIN = 70 mV:
V
Gain
Gain
V
mV
OUT
OFFS
IN
() (
) ×
[]
70
1
––
_
Offset error is a measure of the difference between VOUT (actual)
and VOUT (ideal). It is expressed in mV and can be positive or
negative. See Figure 7.
Gain Error
This is a measure of the span error of the analog channel. It is
the deviation in slope of the transfer function expressed in mV.
See Figure 7. It is calculated as:
Gain Error = Actual Full-Scale Output –
Ideal Full-Scale Output – Offset Error
where
Ideal Full-Scale Output = (Gain
2.96) – [(Gain – 1)
VOFFS_IN]
AC Crosstalk
This is the area of the glitch that occurs on the output of one
channel while another channel is acquiring. It is expressed in
nV-secs.
Output Settling Time
This is the time taken from when
BUSY goes high to when the
output has settled to
±0.018%.
Acquisition Time
This is the time taken for the VIN input to be acquired. It is the
length of time that
BUSY stays low.


Numéro de pièce similaire - AD5533BBC-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5533BBC-1 AD-AD5533BBC-1 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results

Description similaire - AD5533BBC-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com