Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5533ABC-1 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5533ABC-1
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5533ABC-1 Fiches technique(HTML) 3 Page - Analog Devices

  AD5533ABC-1 Datasheet HTML 1Page - Analog Devices AD5533ABC-1 Datasheet HTML 2Page - Analog Devices AD5533ABC-1 Datasheet HTML 3Page - Analog Devices AD5533ABC-1 Datasheet HTML 4Page - Analog Devices AD5533ABC-1 Datasheet HTML 5Page - Analog Devices AD5533ABC-1 Datasheet HTML 6Page - Analog Devices AD5533ABC-1 Datasheet HTML 7Page - Analog Devices AD5533ABC-1 Datasheet HTML 8Page - Analog Devices AD5533ABC-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD5532B
AD5532B-1
Parameter
1
B Version
2
Unit
Conditions/Comments
DIGITAL INPUTS
7
Input Current
±10
µA max
±5 µA typ
Input Low Voltage
0.8
V max
DVCC = 5 V
± 5%
0.4
V max
DVCC = 3 V
± 10%
Input High Voltage
2.4
V min
DVCC = 5 V
± 5%
2.0
V min
DVCC = 3 V
± 10%
Input Hysteresis (SCLK and
CS Only)
200
mV typ
Input Capacitance
10
pF max
DIGITAL OUTPUTS (
BUSY, D
OUT)
7
Output Low Voltage, DVCC = 5 V
0.4
V max
Sinking 200
µA
Output High Voltage, DVCC = 5 V
4.0
V min
Sourcing 200
µA
Output Low Voltage, DVCC = 3 V
0.4
V max
Sinking 200
µA
Output High Voltage, DVCC = 3 V
2.4
V min
Sourcing 200
µA
High Impedance Leakage Current
±1
µA max
DOUT Only
High Impedance Output Capacitance
15
pF typ
DOUT Only
POWER REQUIREMENTS
Power Supply Voltages
VDD
8/16.5
V min/max
VSS
–4.75/–16.5
V min/max
AVCC
4.75/5.25
V min/max
DVCC
2.7/5.25
V min/max
Power Supply Currents
8
IDD
15
mA max
10 mA typ. All channels full-scale.
ISS
15
mA max
10 mA typ. All channels full-scale.
AICC
33
mA max
26 mA typ
DICC
1.5
mA max
1 mA typ
Power Dissipation
8
280
mW typ
VDD = +10 V, VSS = –5 V
NOTES
1See Terminology section.
2B Version: Industrial temperature range –40
°C to +85°C; typical at +25°C.
3Input range 100 mV to 2.96 V.
4Guaranteed by design and characterization, not production tested.
5AD780 as reference for the AD5532B.
6Ensure that you do not exceed T
J (max). See Absolute Maximum Ratings section.
7Guaranteed by design and characterization, not production tested.
8 Output unloaded.
Specifications subject to change without notice.


Numéro de pièce similaire - AD5533ABC-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5533ABC-1 AD-AD5533ABC-1 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5533ABC-1 AD-AD5533ABC-1 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533ABC-1 AD-AD5533ABC-1 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results

Description similaire - AD5533ABC-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com