Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2049DG4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS2049DG4
Description  SINGLE-CHANNEL 100 mA POWER SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2049DG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2049DG4 Datasheet HTML 1Page - Texas Instruments TPS2049DG4 Datasheet HTML 2Page - Texas Instruments TPS2049DG4 Datasheet HTML 3Page - Texas Instruments TPS2049DG4 Datasheet HTML 4Page - Texas Instruments TPS2049DG4 Datasheet HTML 5Page - Texas Instruments TPS2049DG4 Datasheet HTML 6Page - Texas Instruments TPS2049DG4 Datasheet HTML 7Page - Texas Instruments TPS2049DG4 Datasheet HTML 8Page - Texas Instruments TPS2049DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
TPS2049
SLVS713 – OCTOBER 2006
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN1
4
I
Enable input, logic low turns on power switch
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent, report, active-low, open-drain output
OUT
6, 7, 8
O
Power-switch output
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS2049DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2041 TI-TPS2041 Datasheet
416Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2041 TI-TPS2041 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041A TI-TPS2041A Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041A TI1-TPS2041A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041AD TI-TPS2041AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2049DG4

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
   1.5A Single Channel USB Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com