Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1202WR Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BF1202WR
Description  N-channel dual-gate PoLo MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1202WR Fiches technique(HTML) 3 Page - NXP Semiconductors

  BF1202WR Datasheet HTML 1Page - NXP Semiconductors BF1202WR Datasheet HTML 2Page - NXP Semiconductors BF1202WR Datasheet HTML 3Page - NXP Semiconductors BF1202WR Datasheet HTML 4Page - NXP Semiconductors BF1202WR Datasheet HTML 5Page - NXP Semiconductors BF1202WR Datasheet HTML 6Page - NXP Semiconductors BF1202WR Datasheet HTML 7Page - NXP Semiconductors BF1202WR Datasheet HTML 8Page - NXP Semiconductors BF1202WR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Mar 29
3
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R;
BF1202WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Ts is the temperature of the soldering point of the source lead.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
10
V
ID
drain current
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
BF1202; BF1202R
Ts ≤ 113 °C; note 1
200
mW
BF1202WR
Ts ≤ 119 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
BF1202; BF1202R
185
K/W
BF1202WR
155
K/W
handbook, halfpage
050
(1)
(2)
Ts (°C)
Ptot
(mW)
100
200
250
0
200
150
150
100
50
MCD951
Fig.4 Power derating curve.
(1) BF1202WR.
(2) BF1202; BF1202R.


Numéro de pièce similaire - BF1202WR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1202WR NXP-BF1202WR Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202WR NXP-BF1202WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1202WR NXP-BF1202WR Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
More results

Description similaire - BF1202WR

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com