Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-AD0B-FREQ Fiches technique(PDF) 2 Page - Nel Frequency Controls,inc

No de pièce SD-AD0B-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEL [Nel Frequency Controls,inc]
Site Internet  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-AD0B-FREQ Fiches technique(HTML) 2 Page - Nel Frequency Controls,inc

  SD-AD0B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-AD0B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
SD-B2D00 Series
Continued
LVDS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
80.0MHz
-----
312.5MHz
Duty Cycle
(2)
-----
@ V
O /2
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
0.80V
-----
1.10V
Logic 1
(2)
V
OH
-----
1.25V
-----
1.55V
Differential Voltage
(2)
V
OD
-----
250 mV
-----
450 mV
Disable Voltage
-----
V
EE=0V
-----
-----
0.8V
Enable Voltage
(5)
-----
V
EE=0V
2.0V
-----
-----
Rise & Fall Time
(2)
tr,tf
20-80%V
O
-----
0.8 ns
1.0 ns
Tpd
(4)
-----
-----
-0.5 ns
-----
+0.5 ns
Jitter, RMS
(3)
-----
-----
-----
-----
3 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
2.375V
2.5V
2.625V
Supply Current
I
CC
-----
0.0 mA
-----
80 mA
Output current
I
O
Continuous Output Current
0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
210 mW
Solder temperature
T
L
4 minutes
-----
-----
253°C
Load
100 ohms across differential outputs
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) With Load of 100 ohms across differential outputs.
3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20Mhz.
4) Tpd is phase shift between the falling edge of pin 4 and the rising edge of pin 5.
5) Open to enable pin also enables the output
Rev. J
CRYSTAL CLOCK OSCILLATORS
SD - B2D0X - FREQ
Package Code
Tolerance/Performance
SD
6 Pad 5x7 SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2.5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0413E


Numéro de pièce similaire - SD-AD0B-FREQ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SD-A2920 ETC-SD-A2920 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2920-FREQ ETC-SD-A2920-FREQ Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2921 ETC-SD-A2921 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2921-FREQ ETC-SD-A2921-FREQ Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2927 ETC-SD-A2927 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Description similaire - SD-AD0B-FREQ

FabricantNo de pièceFiches techniqueDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com