Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1101R Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BF1101R
Description  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101R Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BF1101R Datasheet HTML 3Page - NXP Semiconductors BF1101R Datasheet HTML 4Page - NXP Semiconductors BF1101R Datasheet HTML 5Page - NXP Semiconductors BF1101R Datasheet HTML 6Page - NXP Semiconductors BF1101R Datasheet HTML 7Page - NXP Semiconductors BF1101R Datasheet HTML 8Page - NXP Semiconductors BF1101R Datasheet HTML 9Page - NXP Semiconductors BF1101R Datasheet HTML 10Page - NXP Semiconductors BF1101R Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 May 14
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Fig.13 Gate 1 current as a function of gate 2
voltage; typical values.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.21.
handbook, halfpage
0
40
20
30
10
0
MGS307
26
4
IG1
(
µA)
VG2-S (V)
4.5 V
4 V
3.5 V
3 V
VGG = 5 V
Fig.14 Typical gain reduction as a function of
the AGC voltage; see Fig.21.
handbook, halfpage
0
0
−30
−20
−10
−40
−50
1
MGS308
234
gain
reduction
(dB)
VAGC (V)
(2)
(1)
(3)
VDS = 5 V; VGG = 5 V; f = 50 MHz; Tamb =25 °C.
(1) RG1 =68kΩ.
(2) RG1 = 120 kΩ.
(3) RG1 = 180 kΩ.
Fig.15 Unwanted voltage for 1% cross-modulation
as a function of gain reduction;
typical values; see Fig.21.
handbook, halfpage
0
120
90
100
110
80
10
MGS309
20
30
40
50
Vunw
(dB
µV)
gain reduction (dB)
(2)
(3)
(1)
VDS = 5 V; VGG = 5 V; f = 50 MHz; funw = 60 MHz; Tamb =25 °C.
(1) RG1 =68kΩ.
(2) RG1 = 120 kΩ.
(3) RG1 = 180 kΩ.
Fig.16 Drain current as a function of gain reduction;
typical values; see Fig.21.
handbook, halfpage
0
25
10
15
20
5
0
10
MGS310
20
30
40
50
ID
(mA)
gain reduction (dB)
(2)
(3)
(1)
VDS = 5 V; VGG = 5 V; f = 50 MHz; Tamb =25 °C.
(1) RG1 =68kΩ.
(2) RG1 = 120 kΩ.
(3) RG1 = 180 kΩ.


Numéro de pièce similaire - BF1101R

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1101R NXP-BF1101R Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
More results

Description similaire - BF1101R

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com