Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8240YRM-REEL7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8240YRM-REEL7
Description  LED Driver/Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8240YRM-REEL7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8240YRM-REEL7 Datasheet HTML 2Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 3Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 4Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 5Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 6Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 7Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 8Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 9Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8240
Rev. 0 | Page 6 of 12
USING/EVALUATING THE AD8240 LED DRIVER MONITOR
Figure 3 shows a connection diagram for a typical application.
SETUP
In order to set up and evaluate the AD8240, the following
components and equipment are needed:
A shunt resistor (typically 0.1 Ω to 0.5 Ω depending on the
load). See the Shunt Resistor Selection section.
A transistor (the type depends on the load)
Two capacitors
LED load
5 V reference voltage
9 V to 27 V supply
Oscilloscope
Digital voltmeter (DVM)
Shunt Resistor Selection
The shunt resistor is chosen by the equation
LOAD
SHUNT
I
R
V
2
.
0
For example if the load is expected to be 500 mA, the shunt
value should be equal to or less than 0.4 Ω. This keeps the
output of the current sense amplifier from being greater than
4.8 V in normal operation to prevent noise from causing the
output to latch off.
Circuit Configuration
Connect the pass transistor, capacitors, and LED load(s) as
shown in Figure 3. It is important to note that the value of CM
should be at least 22 nF to ensure circuit stability.
The LED lamp should be configured to expect 12 V. This is
the result of selecting the series/parallel combinations of LEDs
and series resistors. The series resistors can be used to adjust
for LED supplier brightness variations from lot to lot.
Connect 5 V to Pin 2 (5 V reference) and at least 9 V to Pin 5
(VPLUS). It may be necessary to raise the VPLUS voltage to more
than 13 V, depending on the drop across the pass transistor, for
the output to be regulated at 12 V. This varies according to the
application and the pass transistor type.
.
CL
47nF
R1
350k
R2
250k
LATCH-OFF
DRIVER
RSENSE
10k
GND
1
2
3
4
5
7
6
8
VO
VSENSE
5V
REFERENCE
PWM
VPLUS
BASE
SHUNT
VBATT
CM
22nF
RSHUNT
Figure 3. Connections for Typical Applications


Numéro de pièce similaire - AD8240YRM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
More results

Description similaire - AD8240YRM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
   100V LED Controller with Current Monitor
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com