Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1100 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BF1100
Description  Dual-gate MOS-FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1100 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BF1100 Datasheet HTML 1Page - NXP Semiconductors BF1100 Datasheet HTML 2Page - NXP Semiconductors BF1100 Datasheet HTML 3Page - NXP Semiconductors BF1100 Datasheet HTML 4Page - NXP Semiconductors BF1100 Datasheet HTML 5Page - NXP Semiconductors BF1100 Datasheet HTML 6Page - NXP Semiconductors BF1100 Datasheet HTML 7Page - NXP Semiconductors BF1100 Datasheet HTML 8Page - NXP Semiconductors BF1100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1995 Apr 25
3
Philips Semiconductors
Product specification
Dual-gate MOS-FETs
BF1100; BF1100R
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
14
V
ID
drain current
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
see Fig.3
BF1100
up to Tamb =50 °C; note 1 −
200
mW
BF1100R
up to Tamb =40 °C; note 1 −
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
+150
°C
Fig.3 Power derating curves.
handbook, halfpage
0
50
100
200
250
0
200
MLD155
150
150
100
50
Ptot
(mW)
T
( C)
amb
o
BF1100R
BF1100
Fig.4
Forward transfer admittance as a function
of junction temperature; typical values.
50
0
50
150
40
0
MLD156
100
30
20
10
Yfs
(mS)
T ( C)
j
o


Numéro de pièce similaire - BF1100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
BF1100R NXP-BF1100R Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Description similaire - BF1100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com