Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX44 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BDX44
Description  NPN Darlington transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BDX44 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BDX44 Datasheet HTML 1Page - NXP Semiconductors BDX44 Datasheet HTML 2Page - NXP Semiconductors BDX44 Datasheet HTML 3Page - NXP Semiconductors BDX44 Datasheet HTML 4Page - NXP Semiconductors BDX44 Datasheet HTML 5Page - NXP Semiconductors BDX44 Datasheet HTML 6Page - NXP Semiconductors BDX44 Datasheet HTML 7Page - NXP Semiconductors BDX44 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jul 02
2
Philips Semiconductors
Product specification
NPN Darlington transistors
BDX42; BDX43; BDX44
FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V)
• Integrated diode and resistor.
APPLICATIONS
• Industrial switching applications such as:
– print hammers
– solenoids
– relay and lamp drivers.
DESCRIPTION
NPN Darlington transistor in a TO-126; SOT32 plastic
package. PNP complements: BDX45 and BDX47.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to metal part of
mounting surface
3
base
Fig.1
Simplified outline (TO-126; SOT32)
and symbol.
handbook, halfpage
12
3
Top view
MAM349
3
2
1
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BDX42
−−
60
V
BDX43
−−
80
V
BDX44
−−
90
V
VCES
collector-emitter voltage
VBE =0
BDX42
−−
45
V
BDX43
−−
60
V
BDX44
−−
80
V
IC
collector current (DC)
−−
1A
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
1.25
W
Tmb ≤ 100 °C
−−
5W
hFE
DC current gain
IC = 150 mA; VCE = 10 V
1000
−−
IC = 500 mA; VCE = 10 V
2000
−−
fT
transition frequency
IC = 500 mA; VCE = 5 V; f = 100 MHz
200
MHz


Numéro de pièce similaire - BDX44

FabricantNo de pièceFiches techniqueDescription
logo
Comset Semiconductor
BDX44 COMSET-BDX44 Datasheet
197Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
BDX44 COMSET-BDX44 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX44 NJSEMI-BDX44 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
More results

Description similaire - BDX44

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
   NPN Darlington transistors
1999 Apr 29
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
   NPN Darlington transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
NXP Semiconductors
BC875 NXP-BC875_04 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
NXP Semiconductors
PMBTA13 NXP-PMBTA13 Datasheet
110Kb / 7P
   NPN Darlington transistors
2004 Jan 22
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
   NPN Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com