Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9252-50EBZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9252-50EBZ
Description  Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9252-50EBZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9252-50EBZ Datasheet HTML 6Page - Analog Devices AD9252-50EBZ Datasheet HTML 7Page - Analog Devices AD9252-50EBZ Datasheet HTML 8Page - Analog Devices AD9252-50EBZ Datasheet HTML 9Page - Analog Devices AD9252-50EBZ Datasheet HTML 10Page - Analog Devices AD9252-50EBZ Datasheet HTML 11Page - Analog Devices AD9252-50EBZ Datasheet HTML 12Page - Analog Devices AD9252-50EBZ Datasheet HTML 13Page - Analog Devices AD9252-50EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9252
Rev. 0 | Page 10 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD
VIN+G
VIN–G
AVDD
VIN–H
VIN+H
AVDD
AVDD
CLK–
CLK+
AVDD
AVDD
DRGND
DRVDD
D–H
D+H
AVDD
VIN+B
VIN–B
AVDD
VIN–A
VIN+A
AVDD
PDWN
CSB
SDIO/ODM
SCLK/DTP
AVDD
DRGND
DRVDD
D+A
D–A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9252
TOP VIEW
(Not to Scale)
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
Figure 5. 64-Lead LFCSP Top View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle)
AVDD
1.8 V Analog Supply
1, 4, 7, 8, 11,
12, 37, 42, 45,
48, 51, 59, 62
13, 36
DRGND
Digital Output Driver Ground
14, 35
DRVDD
1.8 V Digital Output Driver Supply
2
VIN+G
ADC G Analog Input—True
3
VIN−G
ADC G Analog Input—Complement
5
VIN−H
ADC H Analog Input—Complement
6
VIN+H
ADC H Analog Input—True
9
CLK−
Input Clock—Complement
10
CLK+
Input Clock—True
15
D−H
ADC H Digital Output—Complement
16
D+H
ADC H True Digital Output—True
17
D−G
ADC G Digital Output—Complement
18
D+G
ADC G True Digital Output—True
19
D−F
ADC F Digital Output—Complement
20
D+F
ADC F True Digital Output—True
21
D−E
ADC E Digital Output—Complement
22
D+E
ADC E True Digital Output—True
23
DCO−
Data Clock Digital Output—Complement
24
DCO+
Data Clock Digital Output—True
25
FCO−
Frame Clock Digital Output—Complement
26
FCO+
Frame Clock Digital Output—True
27
D−D
ADC D Digital Output—Complement
28
D+D
ADC D True Digital Output—True
29
D−C
ADC C Digital Output—Complement
30
D+C
ADC C True Digital Output—True
31
D−B
ADC B Digital Output—Complement
32
D+B
ADC B True Digital Output—True


Numéro de pièce similaire - AD9252-50EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9252-50EBZ AD-AD9252-50EBZ Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
More results

Description similaire - AD9252-50EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9681 AD-AD9681 Datasheet
1Mb / 40P
   Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com