Moteur de recherche de fiches techniques de composants électroniques |
|
TPIC9201N Fiches technique(PDF) 11 Page - Texas Instruments |
|
TPIC9201N Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 19 page www.ti.com PCB Layout Application Using a Multilayer PCB PackageThermalPad SolderPad(LandPattern) ThermalVias PackageOutline PowerPad PackageSolderPad PackageSolderPad (BottomTrace) ThermalVia ComponentTraces ThermalIsolation PowerPlaneOnly 1.5748mm 0.0 0.071-mmBoardBase – andBottomPad 0.5246 0.5606-mm – PowerPlane (1-ozCu) 1.0142 1.0502-mm – GroundPlane (1-ozCu) 1.5038 1.5748-mm – ComponentTrace (2-ozCu) 2Plane 4Plane TPIC9201 MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER SLIS115B – APRIL 2005 – REVISED JUNE 2006 APPLICATION INFORMATION (continued) To maximize the efficiency of this package for application on a single-layer or multi-layer PCB, certain guidelines must be followed when laying out this part on the PCB. The following information is to be used as a guideline only. For further information, see the PowerPAD concept implementation document. In a multilayer board application, the thermal vias are the primary method of heat transfer from the package thermal pad to the internal ground plane (see Figure 4 and Figure 5). The efficiency of this method depends on several factors: die area, number of thermal vias, thickness of copper, etc. (see the PowerPAD™ Thermally Enhanced Package Technical Brief, literature number SLMA002). Figure 4. Package and PCB Land Configuration for a Multilayer PCB Figure 5. Multilayer Board (Side View) 11 Submit Documentation Feedback |
Numéro de pièce similaire - TPIC9201N |
|
Description similaire - TPIC9201N |