Moteur de recherche de fiches techniques de composants électroniques |
|
CA3106E20-27SXF80 Fiches technique(PDF) 5 Page - ITT Industries |
|
CA3106E20-27SXF80 Fiches technique(HTML) 5 Page - ITT Industries |
5 / 15 page www.ittcannon.com 171 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Contact Arrangements (Face View Pin Insert) LEGEND Resilient only Resilient & Plastic Shell Size No. of Contacts Service Rating 8S-1 1 #16 A 10S-2 1 #16 A 10SL-4 2 #16 A 10SL-3 3 #16 A 10SLA4 5 #20 A 12S-4 1 #16 D 12-5 1 #12 D 12S-3 2 #16 A 12SA10 4 #16 Inst. 14-3 1 #8 A 14S-9 2 #16 A 16-13 2 #12 (A-Iron B-Constantan) A 16S-4 2 #16 D 16-11 2 #12 A 16-12 1 #4 A 14S-6 6 #16 Inst. 14S-5 5 #16 Inst. 14S-2 4 #16 Inst. 14S-7 3 #16 A 14S-1 3 #16 A 16S-5 3 #16 A 16S-6 3 #16 A 16-10 3 #12 A 16-9 2 #16 (B,D) 2 #12 (A,C) A 16S-8 5 #16 A 16S-1 7 #16 A 18-7 1 #8 B 18-3 2 #12 D 18-12 6 #16 A 18-11 5 #12 A 18-15 4 #12 (A, C-Iron; B, D-Constantan) A 18-13 3 #12 (B,C,C) 1 #8(A) A 18-10 4 #12 A 18-4 4 #16 D 18-22 3 #16 D 18-5 1 #16(A) 2 #12(B,C) D 18-9 5 #16(B,C,E-G) 2 #12(A,D) Inst. 18-8 7 #16(A-G) 1 #12(H) A 18-1 10 #16 A(B,C,F,G) Inst. (all others) 18-19 10 #16 A 20-2 1 #0 D 20-23 2 #8 A 20-3 3 #12 D 20-19 3 #8 A 20-15 7 #12 A 20-22 3 #16(B,D,F) 3 #8(A,C,E) A 20-17 1 #16(F) 5 #12(A-E) A 20-8 4 #16(B,C,E,F) 2 #8(A,D) Inst. 20-14 3 #12(C,D,E) 2 #8(A,B) A 20A37 ITT Cannon pos. #8 of 20-4 D 20-24 2 #16 (A,C) 2 #8 (B,D) A 20-4 4 #12 D Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating High Volume Layouts - readily available from Cannon Distributors ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ ¢ A A A A A A B A B A A B B B B B B B B A A A A A A A C C C C C B B B B B B B B B B B A A C C C C C C C C C C C B B A A A A A A A A A A A C C C D D D D D D D D D D D E E E F G E F B B B B B B B B B B B B B C C C C C C C C C C C C C G A A A A A A A A A A A A A B B C A A D D D D D D D D D D D D E E E E E E E E E F F F F G G G G H H H J J I K F F F F D E E F B D B C B B B C C D E B |
Numéro de pièce similaire - CA3106E20-27SXF80 |
|
Description similaire - CA3106E20-27SXF80 |