Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8340ACPZ-REEL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8340ACPZ-REEL7
Description  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8340ACPZ-REEL7 Fiches technique(HTML) 5 Page - Analog Devices

  AD8340ACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8340ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8340
Rev. 0 | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
18
17
16
15
1
2
3
14
13
DSOP
VPS2
IBBM
IBBP
IFLM
IFLP
4
5
6
VPS2
VPS2
QBBM
QBBP
QFLM
QFLP
AD8340
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure2.24-LeadLeadFrameChipScalePackage(LFCSP)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 2
QFLP, QFLM
Q Baseband Input Filter Pins. Connect optional capacitor to reduce Q baseband channel low-pass
corner frequency.
3, 4
QBBP, QBBM
Q Channel Differential Baseband Inputs.
5, 6, 14, 19, 24
VPS2, VPRF
Positive Supply Voltage. 4.75 V − 5.25 V.
7, 8, 11, 12, 20, 23
CMOP, CMRF
Device Common. Connect via lowest possible impedance to external circuit common.
9, 10
RFOP, RFOM
Differential RF Outputs. Must be ac-coupled. Differential impedance 50 Ω nominal.
13
DSOP
Output disable. Pull high to disable output stage.
15, 16
IBBM, IBBP
I Channel Differential Baseband Inputs.
17, 18
IFLM, IFLP
I Baseband Input Filter Pins. Connect optional capacitor to reduce I baseband channel low-pass
corner frequency.
21, 22
RFIM, RFIP
Differential RF Inputs. Must be ac-coupled. Differential impedance 50 Ω nominal.


Numéro de pièce similaire - AD8340ACPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
More results

Description similaire - AD8340ACPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com