Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3100F20-27PXF80 Fiches technique(PDF) 11 Page - ITT Industries

No de pièce CA3100F20-27PXF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100F20-27PXF80 Fiches technique(HTML) 11 Page - ITT Industries

Back Button CA3100F20-27PXF80 Datasheet HTML 7Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 8Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 9Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 10Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 11Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 12Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 13Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 14Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 15Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ittcannon.com
177
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Straight Plug
MS3106E/MS3106F
Integral Cable Clamp
CA3106E/CA06R
MS3106F straight plugs mate
with 3100 and 3102
receptacles and 3101 plugs.
The MS3106E is available upon
request. For new equipment,
customer should specify.
MS3106F. MS3106E is identical
to MS3106F except to O ring
under the coupling nut.
The MS3106R striaght plug is
identical in puropse to the
MS3106F. The MS3106R has
the shorter endbell. This plug
will mate with 3100 and 3102
receptacles and 3101 plugs.
MS3106R
Shell
Size
Shell
Size
†Not to MS specification
Performance Specifications - Page 168
Contact, Sealing Plugs, Assembly Tools - Page
187
Contact Arrangements - Page 171-174
8S
10S
10SL
12S
14S
16S
12
14
1/2-28UNEF-2B
5/8-24UNEF-2B
5/8-24UNEF-2B
3/4-20UNEF-2B
7/8-20UNEF-2B
1-20UNEF-2B
3/4-20UNEF-2B
7/8-20UNEF-2B
1-20UNEF-2B
1-1/8-18UNEF-2B
1-1/4-18UNEF-2B
1-3/8-18UNEF-2B
1-1/2-18UNEF-2B
1-3/4-18UNS-2B
2-18UNS-2B
2-1/4-16UN-2B
2-1/2-16UN-2B
16
18
20
22
24
28
32
36
40
Shell
Size
A
Thread
A
Thread
** Barrel engaging face to shoulder.
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
40
.235 (5.97)
.235 (5.97)
.297 (7.54)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.610 (15.49)
.735 (18.67)
.740 (18.80)
.922 (23.42)
.922 (23.42)
1.235 (31.37)
1.360 (34.54)
1.628 (41.35)
.102 (2.59)
.102 (2.59)
.140 (3.56)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.285 (7.24)
.350 (8.89)
.350 (8.89)
.468 (11.89)
.468 (11.89)
.664 (15.87)
.694 (17.63)
.911 (23.14)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.536 (13.61)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.724 (18.39)
.844 (21.44)
.969 (24.61)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.344 (34.14)
1.469 (37.31)
1.594 (40.49)
1.719 (43.66)
1.969 (50.01)
2.219 (56.36)
2.469 (62.71)
2.723 (69.16)†
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.625 (66.68)
2.625 (66.68)
2.625 (66.68)
2.688 (68.28)
2.750 (69.85)
2.750 (69.85)
2.969 (75.41)
3.031 (76.99)
3.031 (76.99)
3.281 (83.34)
3.560 (89.66)†
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
2.181 (55.40)
2.181 (55.40)
2.181 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.322 (58.98)
2.322 (58.98)
2.427 (61.65)†
.890 (22.61)
.890 (22.61)
.970 (24.64)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
1.450 (36.83)
1.570 (39.88)
1.570 (39.88)
1.880 (47.75)
1.880 (47.75)
2.205 (56.01)
2.400 (60.96)
2.840 (72.14)
.840 (21.34)
.840 (21.34)
.900 (22.86)
.900 (22.86)
1.00 (27.94)
1.200 (30.48)
.900 (22.86)
1.100 (27.94)
1.200 (30.48)
1.300 (33.02)
1.500 (38.10)
1.500 (38.10)
1.740 (44.20)
1.740 (44.20)
2.075 (52.71)
2.300 (58.42)
2.688 (68.28)
1.046 (26.57)
1.046 (26.57)
1.125 (28.58)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.609 (40.87)
1.890 (48.01)
1.890 (48.01)
2.170 (55.12)
2.170 (55.12)
2.656 (67.46)
2.922 (74.22)
-
*
E
Max.
E
Min.
J**
Max.
L
Max.
N
Max.
L
Max.
1
P
Max.
1
V
Max.
W
Max.
CA3106R
W
A Thd.
V
N
J**
A
J**
L
1
L
1
P
1
P
E


Numéro de pièce similaire - CA3100F20-27PXF80

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Description similaire - CA3100F20-27PXF80

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com