Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80-0276-F Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce 80-0276-F
Description  System Level ESD Mitigation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

80-0276-F Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  80-0276-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 80-0276-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 80-0276-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 80-0276-F Datasheet HTML 4Page - List of Unclassifed Manufacturers 80-0276-F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
System Level ESD Mitigation
Design Note
4
P/N 80-0276-F
© 2006 Sensory Inc.
7.
(Recommended) Tightly twist power wires and their returns together. The main power source in the system
is often a prime target for inductive coupling from ESD. Wires from a battery box are an example of this.
8.
(Desirable) Try to use the following for all signals: twisted pair cable, coaxial cable or flat cable instead of
single wires. Put shrink tubing on wires if extra shielding is required.
9.
(Desirable) Choose ESD safe components, like thick-film and carbon composition resistors instead of thin-
film resistors, if practical
10. (Desirable) Beware of substitute and second-source components that may be functionally equivalent, but
lack the ESD-immunity of the preferred components.
D. Making Your Enclosure More Resistant To ESD:
For enclosure design, the overall goal is to keep all ESD outside the enclosure. The best way to do this is to use
an electrically nonconductive (typically plastic) enclosure.
Plastic and other nonconductive enclosures, air space, and insulation can prevent ESD arcs from penetrating
inside the system (direct ESD). However, they provide no protection against ESD arcs outside the enclosure
(indirect ESD). To protect against these arcs, ensure greater than or equal to 20 mm path length between the
electronics and:
1.
(Recommended) Any points that the user can touch, including seams, ventilation openings and mounting
holes. (ESD arcs can travel farther over the surface of a dielectric than they can through open air.)
2.
(Recommended) Any ungrounded metal that the user can touch, including fasteners, switches, controls, and
indicators.
If practical and system cost allows, it's better to design with provisions for adding shields made of one of the
following materials:
1.
(Desirable) Conductive filler in the plastic.
2.
(Desirable) Silver, copper or nickel paint.
3.
(Desirable) Mylar/copper or Mylar/aluminum laminates.
4.
(Desirable) Zinc arc spray.
5.
(Desirable) Thermoformed metal mesh with bonded junctions.
6.
(Desirable) Sheet metal.
7.
(Desirable) Vacuum metallizing.
Optimal shielding is less than or equal to 1 ohm/square resistance. Joints and edge treatment are critical, as are
arrangements for connecting bonding jumpers/wires.


Numéro de pièce similaire - 80-0276-F

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
80-0274-E ETC1-80-0274-E Datasheet
84Kb / 5P
   VR Stamp??With Serial EEPROM Speech Recognition Module
More results

Description similaire - 80-0276-F

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADUM3100 AD-ADUM3100 Datasheet
499Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADUM3100 AD-ADUM3100_15 Datasheet
361Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
Rev. C
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210 Datasheet
478Kb / 20P
   Dual-Channel Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADUM3401ARWZ-RL AD-ADUM3401ARWZ-RL Datasheet
423Kb / 24P
   Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
REV. B
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com