Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7674 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7674
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7674 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7674 Datasheet HTML 2Page - Analog Devices AD7674 Datasheet HTML 3Page - Analog Devices AD7674 Datasheet HTML 4Page - Analog Devices AD7674 Datasheet HTML 5Page - Analog Devices AD7674 Datasheet HTML 6Page - Analog Devices AD7674 Datasheet HTML 7Page - Analog Devices AD7674 Datasheet HTML 8Page - Analog Devices AD7674 Datasheet HTML 9Page - Analog Devices AD7674 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7612
Rev. 0 | Page 6 of 32
Parameter
Symbol
Min
Typ
Max
Unit
SLAVE SERIAL/SERIAL CONFIGURATION INTERFACE MODES2 (See Figure 42,
Figure 43, and Figure 45)
External SDCLK, SCCLK Setup Time
t31
5
ns
External SDCLK Active Edge to SDOUT Delay
t32
2
18
ns
SDIN/SCIN Setup Time
t33
5
ns
SDIN/SCIN Hold Time
t34
5
ns
External SDCLK/SCCLK Period
t35
25
ns
External SDCLK/SCCLK High
t36
10
ns
External SDCLK/SCCLK Low
t37
10
ns
1 In warp mode only, the time between conversions is 1 ms; otherwise, there is no required maximum time.
2 In serial interface modes, the SDSYNC, SDSCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise, the load is 60 pF maximum.
3 In serial master read during convert mode. See Table 4 for serial master read after convert mode.
Table 4. Serial Clock Timings in Master Read After Convert Mode
DIVSCLK[1]
0
0
1
1
DIVSCLK[0]
Symbol
0
1
0
1
Unit
SYNC to SDCLK First Edge Delay Minimum
t18
3
20
20
20
ns
Internal SDCLK Period Minimum
t19
30
60
120
240
ns
Internal SDCLK Period Maximum
t19
45
90
180
360
ns
Internal SDCLK High Minimum
t20
15
30
60
120
ns
Internal SDCLK Low Minimum
t21
10
25
55
115
ns
SDOUT Valid Setup Time Minimum
t22
4
20
20
20
ns
SDOUT Valid Hold Time Minimum
t23
5
8
35
90
ns
SDCLK Last Edge to SYNC Delay Minimum
t24
5
7
35
90
ns
BUSY High Width Maximum
t28
Warp Mode
1.65
2.35
3.75
6.53
μs
Normal Mode
1.9
2.6
4.00
6.78
μs
Impulse Mode
2.15
2.85
4.25
7.03
μs
NOTES
1. IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND
SDOUT ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
1.6mA
IOL
500µA
IOH
1.4V
TO OUTPUT
PIN
CL
60pF
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, and SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
Figure 3. Voltage Reference Levels for Timing


Numéro de pièce similaire - AD7674

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7674 AD-AD7674 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7674 AD-AD7674 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
AD7674 AD-AD7674 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7674 AD-AD7674 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Description similaire - AD7674

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7612 AD-AD7612_15 Datasheet
525Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7610 AD-AD7610 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com