Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADL5500 Datasheet(Fiches technique) 8 Page - Analog Devices

Numéro de pièce ADL5500
Description  100 MHz to 6 GHz TruPwr Detector
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 8 page
background image
ADL5500
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VRMS
COMM
TOP VIEW
(BUMP SIDE DOWN)
Not to Scale
BUMP 1
INDICATOR
VPOS
RFIN
1
2
4
3
Figure 3. 4-Ball WLCSP Pin Configuration
Table 3. Pin Function Descriptions
Ball No.
Mnemonic
Description
1
VRMS
Output Pin. Rail-to-rail voltage output with limited current drive capability. The output has an internal 1 kΩ
series resistance. High resistive loads are recommended to preserve output swing.
2
COMM
Device Ground Pin.
3
RFIN
Signal Input Pin. Internally ac-coupled after internal termination resistance. Nominal 50 Ω input impedance.
4
VPOS
Supply Voltage Pin. Operational range 2.7 V to 5.5 V.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADL550150 MHz to 4 GHz TruPwr Detector 1 2 3 4 5 MoreAnalog Devices
AD8312100 MHz-2.7 GHz 45 dB RF Log Detector 1 2 3 4 5 MoreAnalog Devices
AD83181 MHz - 8 GHz 60 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices
CGY40GaAs MMIC Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz 1 2 3 4 5 Siemens Semiconductor Group
MRF275G150 W 28 V 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET 1 2 3 4 5 MoreMotorola, Inc
PCK2023CK408 66/100/133/200 MHz spread spectrum differential system clock generator 1 2 3 4 5 MoreNXP Semiconductors
AD8314100 MHz-2500 MHz 45 dB RF Detector/Controller 1 2 3 4 5 MoreAnalog Devices
EL2120C100 MHz Current Feedback Amplifier 1 2 3 4 5 MoreElantec Semiconductor
A36-1100 TO 2300 MHz CASCADABLE AMPLIFIER 1 Tyco Electronics
UF28150JPOWER MOSFET TRANSISTOR 150 WATTS 100 - 500 MHz 28 V 1 2 3 Tyco Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl